Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1360 Datasheet (PDF) - ams AG

AS1360 Datasheet PDF - ams AG
Part # AS1360
Download  AS1360 Download
File Size   1062.36 Kbytes
Page   14 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 1.5A Low-Power, Posi t ive Vol tage Regulator

AS1360 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1360 Datasheet PDF - ams AG

Part # AS1360
Download  AS1360 Click to download

File Size   1062.36 Kbytes
Page   14 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 1.5A Low-Power, Posi t ive Vol tage Regulator

AS1360 Datasheet (HTML) - ams AG




Similar Part No. - AS1360

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1360 AMSCO-AS1360 Datasheet
75Kb / 2P
1.5關A Low-Power, Positive Voltage Regulator
AS1360-18-T AMSCO-AS1360-18-T Datasheet
398Kb / 12P
1.5uA Low-Power, Positive Voltage Regulator
AS1360-21-T AMSCO-AS1360-21-T Datasheet
398Kb / 12P
1.5uA Low-Power, Positive Voltage Regulator
AS1360-25-T AMSCO-AS1360-25-T Datasheet
398Kb / 12P
1.5uA Low-Power, Positive Voltage Regulator
AS1360-30-T AMSCO-AS1360-30-T Datasheet
398Kb / 12P
1.5uA Low-Power, Positive Voltage Regulator
More results


Similar Description - AS1360

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G953 GMT-G953 Datasheet
29Kb / 1P
1.5A Low Dropout Regulator
logo
SHANGHAI BELLING CO., L...
BL78LXX BELLING-BL78LXX Datasheet
96Kb / 8P
The BL78LXX ser ies of f ixed vol tage
logo
California Eastern Labs
PS2805-1 CEL-PS2805-1 Datasheet
536Kb / 13P
HIGH ISOLATION VOL TAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
ams AG
AS1322 AMSCO-AS1322_13 Datasheet
827Kb / 18P
Low Vol tage, Micropower, DC-DC Step-Up Conver ters
AS1329 AMSCO-AS1329_13 Datasheet
862Kb / 20P
Low Vol tage, Micropower, DC-DC Step-Up Conver ters
AS1330 AMSCO-AS1330_12 Datasheet
1Mb / 18P
4MHz, Low Vol tage, DC-DC Step-Up Conver ter
logo
Global Mixed-mode Techn...
AT9915 GMT-AT9915 Datasheet
65Kb / 1P
1.5A Low Dropout Regulator
G9915 GMT-G9915 Datasheet
94Kb / 1P
1.5A Low Dropout Regulator
logo
Infineon Technologies A...
AN256 INFINEON-AN256 Datasheet
395Kb / 11P
Ul t ra Low Vol tage Drop LED
Revision: 0.1 20 June 2011
logo
Unisonic Technologies
LR2915 UTC-LR2915 Datasheet
168Kb / 4P
1.5A, LOW DROPOUT REGULATOR
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com