Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1360 Datasheet(PDF) 5 Page - ams AG

Part # AS1360
Description  1.5A Low-Power, Posi t ive Vol tage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1360 Datasheet(HTML) 5 Page - ams AG

  AS1360 Datasheet HTML 1Page - ams AG AS1360 Datasheet HTML 2Page - ams AG AS1360 Datasheet HTML 3Page - ams AG AS1360 Datasheet HTML 4Page - ams AG AS1360 Datasheet HTML 5Page - ams AG AS1360 Datasheet HTML 6Page - ams AG AS1360 Datasheet HTML 7Page - ams AG AS1360 Datasheet HTML 8Page - ams AG AS1360 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.austriamicrosystems.com/LDOs/AS1360
Revision 1.07
4 - 13
AS1360
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
Typical values are at TAMB = +25°C, VDD = 3.3V (unless otherwise specified). All limits are guaranteed. The parameters with min and max val-
ues are guaranteed with production tests or SQC (Statistical Quality Control) methods.
Table 3. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
TAMB
Operating Temperature
Range
-40
+85
°C
VIN
Input Voltage
20
V
VOUT
Output Voltage
IOUT = 40mA
1
,
IOUT = 15mA if VOUT = 1.8V
1. VOUTNOM is the nominal device output voltage.
VOUTNOM
- 1.5%
VOUTNOM
± 0.5%
VOUTNOM
+ 1.5%
V
IOUT(MAX)
Maximum Output Current
VOUT = 5.0V
(VIN = VOUTNOM + 1.0V)
250
mA
VOUT = 4.0V
200
VOUT = 3.3V
150
VOUT = 3.0V
150
VOUT = 2.5V
125
VOUT = 2.1V
115
VOUT = 1.8V
110
∆VOUT/VOUT
Load Regulation
2
2. Measured at a constant junction temperature using low duty cycle pulse testing.
VOUT = 5.0V, 1mA
≤ IOUT ≤ 100mA
-1.60
±0.8
+1.60
%
VOUT = 4.0V, 1mA
≤ IOUT ≤ 100mA
-2.25
±1.1
+2.25
VOUT = 3.3V, 1mA
≤ IOUT ≤ 80mA
-2.72
±1.3
+2.72
VOUT = 3.0V, 1mA
≤ IOUT ≤ 80mA
-3.00
±1.5
+3.00
VOUT = 2.5V, 1mA
≤ IOUT ≤ 60mA
-3.60
±1.8
+3.60
VOUT = 2.1V, 1mA
≤ IOUT ≤ 40mA
-2.60
±1.6
+2.60
VOUT = 1.8V, 1mA
≤ IOUT ≤ 30mA
-1.60
±0.8
+1.60
∆VOUT x 100/
∆VIN x VOUT
Line Regulation
IOUT = 40mA,
(VOUTNOM +1.0)
≤ VIN ≤ 10.0V
0.1
0.25
%/V
VIN - VOUT
Dropout Voltage
IOUT
= 200mA, VOUTNOM = 5.0V
400
630
mV
IOUT
= 200mA, VOUTNOM = 4.0V
400
700
IOUT
= 160mA, VOUTNOM = 3.3V
400
700
IOUT
= 160mA, VOUTNOM = 3.0V
400
700
IOUT
= 120mA, VOUTNOM = 2.5V
400
700
IOUT
= 60mA, VOUTNOM = 2.1V
200
500
IOUT
= 20mA, VOUTNOM = 1.8V
180
300
IQ
Input Quiescent Current
VIN = VOUTNOM +1.0V
1.5
3.0
A
TCVOUT
Temperature Coefficient of
VOUT
3
3. TCVOUT = (VOH - VOL) x 10
6
/(VOUTNOM x Temperature).
Where:
VOH is the highest voltage measured over the device temperature range.
VOL is the lowest voltage over the device temperature range.
IOUT
= 40mA,
-40ºC
≤ TAMB ≤ +85ºC
±100
ppm/ºC
tR
Output Rise Time
10% VOUTNOM to 90% VOUTNOM, VIN =
0V to VOUTNOM + 1V,
RLOAD = 25
Ω resistive
150
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com