Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1360 Datasheet(PDF) 7 Page - ams AG

Part # AS1360
Description  1.5A Low-Power, Posi t ive Vol tage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1360 Datasheet(HTML) 7 Page - ams AG

Back Button AS1360 Datasheet HTML 3Page - ams AG AS1360 Datasheet HTML 4Page - ams AG AS1360 Datasheet HTML 5Page - ams AG AS1360 Datasheet HTML 6Page - ams AG AS1360 Datasheet HTML 7Page - ams AG AS1360 Datasheet HTML 8Page - ams AG AS1360 Datasheet HTML 9Page - ams AG AS1360 Datasheet HTML 10Page - ams AG AS1360 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.austriamicrosystems.com/LDOs/AS1360
Revision 1.07
6 - 13
AS1360
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 9. Load Regulation vs. Temperature
Figure 10. Line Regulation vs. Temperature
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
-40
-15
10
35
60
85
Temperature (°C)
VIN = 10V
VIN = 4.3V
VIN = 6V
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
-40
-15
10
35
60
85
Temperature (°C)
150mA
40mA
1mA / 10mA
Figure 11. Output Voltage vs. Input Voltage; Dropout
Figure 12. Startup Rise Time
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
Input Voltage (V)
Iload = 40mA
Iload = 100mA
50µs/Div
Figure 13. Startup Delay
Note:
All graphs where measured without additional heat sinks, with
the SOT23 package mounted on a 4-layer PCB. Adding addi-
tional heat sinks will improve performance in high temperature
enviroment.
500µs/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com