Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1360 Datasheet(PDF) 6 Page - ams AG

Part # AS1360
Description  1.5A Low-Power, Posi t ive Vol tage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1360 Datasheet(HTML) 6 Page - ams AG

Back Button AS1360 Datasheet HTML 2Page - ams AG AS1360 Datasheet HTML 3Page - ams AG AS1360 Datasheet HTML 4Page - ams AG AS1360 Datasheet HTML 5Page - ams AG AS1360 Datasheet HTML 6Page - ams AG AS1360 Datasheet HTML 7Page - ams AG AS1360 Datasheet HTML 8Page - ams AG AS1360 Datasheet HTML 9Page - ams AG AS1360 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.austriamicrosystems.com/LDOs/AS1360
Revision 1.07
5 - 13
AS1360
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VOUT = 3.3V, ILOAD = 100 A, VIN = 4.3V, CIN 1 F (tantalum), COUT = 1 F (tantalum), TAMB = +25ºC (unless otherwise specified).
Figure 3. Supply Current vs. Input Voltage
Figure 4. Supply Current vs. Load Current
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
4
5
6
7
8
9
10
Input Voltage (V)
85°C
25°C
0°C
-40°C
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
0
25
50
75
100 125 150 175 200
Load Current (mA)
85°C
25°C
0°C
-40°C
Figure 5. Supply Current vs. Temperature
Figure 6. Output Voltage vs. Input Voltage
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
-40 -20
0
20
40
60
80 100 120 140
Temperature (°C)
3.296
3.298
3.3
3.302
3.304
3.306
3.308
3.31
3.312
4
5
6
7
8
9
10
Input Voltage (V)
85°C
25°C
0°C
-40°C
Figure 7. Output Voltage vs. Load Current
Figure 8. Dropout Voltage vs. Load Current
3.23
3.24
3.25
3.26
3.27
3.28
3.29
3.3
3.31
0
10
20
30
40
50
60
70
80
Load Current (mA)
85°C
25°C
0°C
-40°C
0
100
200
300
400
500
600
700
0
20
40
60
80
100 120 140 160
Load Current (mA)
85°C
25°C
0°C
-40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com