Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1360 Datasheet(PDF) 1 Page - ams AG

Part # AS1360
Description  1.5A Low-Power, Posi t ive Vol tage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1360 Datasheet(HTML) 1 Page - ams AG

  AS1360 Datasheet HTML 1Page - ams AG AS1360 Datasheet HTML 2Page - ams AG AS1360 Datasheet HTML 3Page - ams AG AS1360 Datasheet HTML 4Page - ams AG AS1360 Datasheet HTML 5Page - ams AG AS1360 Datasheet HTML 6Page - ams AG AS1360 Datasheet HTML 7Page - ams AG AS1360 Datasheet HTML 8Page - ams AG AS1360 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
austriamicrosystems AG
is now
ams AG
The technical content of this austriamicrosystems datasheet is still valid.
Contact information:
Headquarters:
ams AG
Tobelbaderstrasse 30
8141 Unterpremstaetten, Austria
Tel: +43 (0) 3136 500 0
e-Mail: ams_sales@ams.com
Please visit our website at www.ams.com


Similar Part No. - AS1360

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1360 AMSCO-AS1360 Datasheet
75Kb / 2P
1.5關A Low-Power, Positive Voltage Regulator
AS1360-18-T AMSCO-AS1360-18-T Datasheet
398Kb / 12P
1.5uA Low-Power, Positive Voltage Regulator
AS1360-21-T AMSCO-AS1360-21-T Datasheet
398Kb / 12P
1.5uA Low-Power, Positive Voltage Regulator
AS1360-25-T AMSCO-AS1360-25-T Datasheet
398Kb / 12P
1.5uA Low-Power, Positive Voltage Regulator
AS1360-30-T AMSCO-AS1360-30-T Datasheet
398Kb / 12P
1.5uA Low-Power, Positive Voltage Regulator
More results

Similar Description - AS1360

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G953 GMT-G953 Datasheet
29Kb / 1P
1.5A Low Dropout Regulator
logo
SHANGHAI BELLING CO., L...
BL78LXX BELLING-BL78LXX Datasheet
96Kb / 8P
The BL78LXX ser ies of f ixed vol tage
logo
California Eastern Labs
PS2805-1 CEL-PS2805-1 Datasheet
536Kb / 13P
HIGH ISOLATION VOL TAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
ams AG
AS1322 AMSCO-AS1322_13 Datasheet
827Kb / 18P
Low Vol tage, Micropower, DC-DC Step-Up Conver ters
AS1329 AMSCO-AS1329_13 Datasheet
862Kb / 20P
Low Vol tage, Micropower, DC-DC Step-Up Conver ters
AS1330 AMSCO-AS1330_12 Datasheet
1Mb / 18P
4MHz, Low Vol tage, DC-DC Step-Up Conver ter
logo
Global Mixed-mode Techn...
AT9915 GMT-AT9915 Datasheet
65Kb / 1P
1.5A Low Dropout Regulator
G9915 GMT-G9915 Datasheet
94Kb / 1P
1.5A Low Dropout Regulator
logo
Infineon Technologies A...
AN256 INFINEON-AN256 Datasheet
395Kb / 11P
Ul t ra Low Vol tage Drop LED
Revision: 0.1 20 June 2011
logo
Unisonic Technologies
LR2915 UTC-LR2915 Datasheet
168Kb / 4P
1.5A, LOW DROPOUT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com