Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1360 Datasheet(PDF) 3 Page - ams AG

Part # AS1360
Description  1.5A Low-Power, Posi t ive Vol tage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1360 Datasheet(HTML) 3 Page - ams AG

  AS1360 Datasheet HTML 1Page - ams AG AS1360 Datasheet HTML 2Page - ams AG AS1360 Datasheet HTML 3Page - ams AG AS1360 Datasheet HTML 4Page - ams AG AS1360 Datasheet HTML 5Page - ams AG AS1360 Datasheet HTML 6Page - ams AG AS1360 Datasheet HTML 7Page - ams AG AS1360 Datasheet HTML 8Page - ams AG AS1360 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.austriamicrosystems.com/LDOs/AS1360
Revision 1.07
2 - 13
AS1360
Datasheet - P i n o u t a n d P a c k a g i n g
4 Pinout and Packaging
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
1
GND
Ground. This pin should be connected to the negative side of the output and the negative
terminal of the input capacitor. No high-current flows out of this pin, only bias current (1.5 A,
typ).
Note:
Voltage drops between this pin and the negative side of the load should be mini-
mized.
2
VOUT
Regulated Output Voltage. This pin should be connected to the positive side of the load and
the positive terminal of the output capacitor. Current flowing out of this pin is equivalent DC
load current.
Note:
The positive side of the output capacitor should be mounted as close as is practical
to this pin.
3
VIN
Unregulated Input Voltage. This pin should be connected to the positive terminal of the input
capacitor.
Note:
The input capacitor should be mounted as close as is practical to this pin.
3
1
3-pin SOT23
VIN
GND
VOUT
2
AS1360



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com