Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1360 Datasheet(PDF) 4 Page - ams AG

Part # AS1360
Description  1.5A Low-Power, Posi t ive Vol tage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1360 Datasheet(HTML) 4 Page - ams AG

  AS1360 Datasheet HTML 1Page - ams AG AS1360 Datasheet HTML 2Page - ams AG AS1360 Datasheet HTML 3Page - ams AG AS1360 Datasheet HTML 4Page - ams AG AS1360 Datasheet HTML 5Page - ams AG AS1360 Datasheet HTML 6Page - ams AG AS1360 Datasheet HTML 7Page - ams AG AS1360 Datasheet HTML 8Page - ams AG AS1360 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.austriamicrosystems.com/LDOs/AS1360
Revision 1.07
3 - 13
AS1360
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Section 6 Electrical Characteristics on page 4 is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
Electrical Parameters
Input Voltage
+30
V
Continuous Output Current
PD/
(VIN - VOUT)
mA
Peak Output Current
500
mA
Output Voltage
- 0.3V
VIN + 0.3V
or +7V
V
Minimum of the two values
Electrostatic Discharge
Electrostatic Discharge HBM
+/- 1
kV
Norm: MIL 883 E method 3015
Thermal Information
Thermal Resistance
ΘJA
230
ºC/W
Typical FR4, 4-layer application
Temperature Ranges and Storage Conditions
Storage Temperature Range
-40
+125
ºC
Package Body Temperature
+260
ºC
The reflow peak soldering temperature (body
temperature) specified is in compliance with IPC/
JEDEC J-STD-020 “Moisture/ Reflow Sensitivity
Classification for Non-Hermetic Solid State
Surface Mount Devices”.
Humidity non-condensing
5
85
%
Moisture Sensitive Level
1
Represents a max. floor life time of unlimited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com