Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-R41W Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # FT-R41W
Description  Digital Fiber Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FT-R41W Datasheet(HTML) 3 Page - Panasonic Semiconductor

  FT-R41W Datasheet HTML 1Page - Panasonic Semiconductor FT-R41W Datasheet HTML 2Page - Panasonic Semiconductor FT-R41W Datasheet HTML 3Page - Panasonic Semiconductor FT-R41W Datasheet HTML 4Page - Panasonic Semiconductor FT-R41W Datasheet HTML 5Page - Panasonic Semiconductor FT-R41W Datasheet HTML 6Page - Panasonic Semiconductor FT-R41W Datasheet HTML 7Page - Panasonic Semiconductor FT-R41W Datasheet HTML 8Page - Panasonic Semiconductor FT-R41W Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
169 DigitalFiberSensorFX-410SERIES
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTOELECTRIC
SENSORS
MICRO
PHOTOELECTRIC
SENSORS
AREA
SENSORS
LIGHT CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASUREMENT
SENSORS
STATIC ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN MACHINE
INTERFACES
ENERGY CONSUMPTION
VISUALIZATION
COMPONENTS
FA COMPONENTS
MACHINE VISION
SYSTEMS
UV CURING
SYSTEMS
Contributing to device miniaturization
This fiber sensor is the smallest among the dual digital
display types, contributing to device miniaturization.
64.5 mm
2.539 in
30.5 mm
1.201 in
10 mm
0.394 in
Equipped with 3 types timers
Equipped with OFF-delay / ON-delay / ONE SHOT timer.
(Timer period: 1 ms to 3 sec. approx.)
ON-delay
OFF
ON
OFF
ON
OFF
ON
T1
Time chart
For L-ON
Sensing
condition
ONE SHOT
Beam-interrupted
Beam-received
OFF-delay
T1
T1
T1
T1
Ideal for dealing with saturation / Light-emitting amount
selection function
Red LED type New concept
In cases where the incoming light level can become
saturated, such as during close-range sensing or when
sensing transparent or minute objects, the sensor’s light-
emitting amount can be adjusted to provide more stable
sensing without changing the response time.
Level 3
Level 1
Level 4
Level 2
FT-A11
Light-emitting amount can be changed
without changing response time.
Wire breakage detection
Digital display upside-down / off function
The digital display can be turned upside-down if required
to suit the setup location. In addition, a stability indicator
is also provided, so that the amount of light-receiving
excess can be checked even when the display is turned
off.
When digital
display is
upside-down
(turned ON)
When digital
display is off
(Eco ON)
Stability indicator
Excess amount can be seen even when display is off
Adjuster is used so that operation can be
carried out confidently even when upside down.
Interference prevention for up to 8 sets fiber heads (for U-LG)
The optical communication function allows up to a
maximum of eight sets of fiber heads (four sets for
FAST and STD settings) to be installed in contact with
each other without mutual interference occurring. (Set
automatically when power is turned on.)
Dog
FD-61
Hold function
Peak and bottom hold values for the incident light
intensity can be displayed. This is useful for checking
the incident light intensity during tasks such as drop
detection.
In addition, the peak and bottom values can be checked
while looking at the threshold value, which makes
adjustment much easier.
Displayed sequentially
Hold function
setting display
Bottom hold
amount display
Peak hold
amount display
FT-A11
Drop detection of minute objects
Displayed sequentially
Key lock function prevents wrong operation
This prevents the operator from changing the threshold
value by mistake.
Press and hold setting
switch for 5 seconds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com