Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-R41W Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # FT-R41W
Description  Digital Fiber Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FT-R41W Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button FT-R41W Datasheet HTML 6Page - Panasonic Semiconductor FT-R41W Datasheet HTML 7Page - Panasonic Semiconductor FT-R41W Datasheet HTML 8Page - Panasonic Semiconductor FT-R41W Datasheet HTML 9Page - Panasonic Semiconductor FT-R41W Datasheet HTML 10Page - Panasonic Semiconductor FT-R41W Datasheet HTML 11Page - Panasonic Semiconductor FT-R41W Datasheet HTML 12Page - Panasonic Semiconductor FT-R41W Datasheet HTML 13Page - Panasonic Semiconductor FT-R41W Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Digital Fiber Sensor
FX-410 SERIES
176
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Lens (for reflective type fiber)
Designation
Model No.
Description
Pinpoint
spot lens
FX-MR1
Pinpoint spot of ø0.5 mm ø0.020 in. Enables detection of minute objects or small marks.
• Distance to focal point: 6 ±1 mm 0.236 ±0.039 in
• Applicable fibers:
FD-42G, FD-42GW
• Ambient temperature: – 40 to +70 °C – 40 to +158 °F (Note 2)
Zoom lens
FX-MR2
Screw-in
depth
Distance to
focal point
Spot
diameter
The spot diameter is adjustable from
ø0.7 to ø2 mm ø0.028 to ø0.079 in
according to how much the fiber is
screwed in.
• Applicable fibers:
FD-42G, FD-42GW
• Ambient temperature:
–40 to +70 °C –40 to +158 °F (Note 1)
• Accessory:
MS-EX3 (mounting
bracket)
Sensing range for red LED type (Note 1)
Screw-in depth Distance to focal point
Spot diameter
7 mm 0.276 in
ø18.5 mm ø0.728 in approx. ø0.7 mm ø0.028 in
12 mm 0.472 in
ø27 mm ø1.063 in approx. ø1.2 mm ø0.047 in
14 mm 0.551 in
ø43 mm ø1.693 in approx. ø2.0 mm ø0.079 in
Finest
spot lens
FX-MR3
Distance to
focal point
Spot diameter
Extremely fine spot of ø0.15 mm ø0.006 in
approx. achieved.
• Applicable fibers:
FD-EG31,
FD-EG30, FD-42G, FD-42GW,
FD-32G, FD-32GX
• Ambient temperature:
– 40 to +70 °C – 40 to +158 °F (Note 2)
Sensing range for red LED type (Note 1)
Fiber
Distance to focal point
Spot diameter
FD-EG31
7.5 ±0.5 mm 0.295 ±0.020 in ø0.15 mm ø0.006 in approx.
FD-EG30
7.5 ±0.5 mm 0.295 ±0.020 in ø0.3 mm ø0.012 in approx.
FD-42G/42GW
FD-32G/32GX
7.5 ±0.5 mm 0.295 ±0.020 in ø0.5 mm ø0.020 in approx.
Finest
spot lens
FX-MR6
Extremely fine spot of ø0.1 mm ø0.004 in
approx. achieved.
• Applicable fibers:
FD-EG31,
FD-EG30, FD-42G, FD-42GW,
FD-32G, FD-32GX
• Ambient temperature:
– 20 to +60 °C – 4 to +140 °F (Note 2)
Sensing range for red LED type (Note 1)
Fiber
Distance to focal point
Spot diameter
FD-EG31
7 ±0.5 mm 0.276 ±0.020 in ø0.1 mm ø0.004 in approx.
FD-EG30
7 ±0.5 mm 0.276 ±0.020 in ø0.2 mm ø0.008 in approx.
FD-42G/42GW
FD-32G/32GX
7 ±0.5 mm 0.276 ±0.020 in ø0.4 mm ø0.016 in approx.
Zoom lens
Side-view
type
FX-MR5
Screw-in depth
Spot diameter
Distance
to focal
point
FX-MR2 is converted into a side-view
type and can be mounted in a very small
space.
• Applicable fibers:
FD-42G, FD-42GW
• Ambient temperature:
– 40 to +70 °C – 40 to +158 °F (Note 2)
Sensing range for red LED type (Note 1)
Screw-in depth
Distance to focal point
Spot diameter
8 mm 0.315 in 13 mm 0.512 in approx. ø0.5 mm ø0.020 in
10 mm 0.394 in 15 mm 0.591 in approx. ø0.8 mm ø0.031 in
14 mm 0.551 in 30 mm 1.181 in approx. ø3.0 mm ø0.118 in
FIBER OPTIONS
Notes: 1) The sensing ranges are the values when used in combination with red LED type amplifier. Please contact our office for details on sensing ranges for other
types of amplifier.
2) Refer to p.16 or p.26 for the ambient temperatures of fibers to be used in combination.
Refer to p.69~ for details of lens dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com