Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-R41W Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # FT-R41W
Description  Digital Fiber Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FT-R41W Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button FT-R41W Datasheet HTML 5Page - Panasonic Semiconductor FT-R41W Datasheet HTML 6Page - Panasonic Semiconductor FT-R41W Datasheet HTML 7Page - Panasonic Semiconductor FT-R41W Datasheet HTML 8Page - Panasonic Semiconductor FT-R41W Datasheet HTML 9Page - Panasonic Semiconductor FT-R41W Datasheet HTML 10Page - Panasonic Semiconductor FT-R41W Datasheet HTML 11Page - Panasonic Semiconductor FT-R41W Datasheet HTML 12Page - Panasonic Semiconductor FT-R41W Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
175 DigitalFiberSensorFX-410SERIES
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
FIBER OPTIONS
Lens (for thru-beam type fiber)
Designation
Model No.
Description
Expansion
lens
(Note 1)
FX-LE1
Increases the sensing
range by 5 times or
more.
• Ambient
temperature:
–60 to +350 °C
–76 to +662 °F
(Note 5)
• Beam dia:
ø3.6 mm
ø0.142 in
Sensing range for red LED type (mm in) [Lens on both sides] (Note 2)
Mode
Fiber
U-LG
STD
FAST
FT-43
3,600 141.732 (Note 3)
2,300 90.551
1,700 66.929
FT-42
3,600 141.732 (Note 3)
3,200 125.984
2,300 90.551
FT-45X
1,600 62.992 (Note 3) 1,600 62.992 (Note 3) 1,600 62.992 (Note 3)
FT-R40
3,600 141.732 (Note 3)
2,900 114.173
2,300 90.551
FT-H35-M2
3,500 137.795 (Note 3)
1,100 43.307
800 31.496
FT-H20W-M1
1,600 62.992 (Note 3)
1,200 47.244
800 31.496
FT-H20-M1
1,600 62.992 (Note 3)
800 31.496
600 23.622
Super-
expansion
lens
(Note 1)
FX-LE2
Tremendously
increases the sensing
range with large
diameter lenses.
• Ambient
temperature:
–60 to +350 °C
–76 to +662 °F
(Note 5)
• Beam dia:
ø9.8 mm
ø0.386 in
Sensing range for red LED type (mm in) [Lens on both sides] (Note 2)
Mode
Fiber
U-LG
STD
FAST
FT-43
3,600 141.732 (Note 3) 3,600 141.732 (Note 3) 3,600 141.732 (Note 3)
FT-42
3,600 141.732 (Note 3) 3,600 141.732 (Note 3) 3,600 141.732 (Note 3)
FT-45X
1,600 62.992 (Note 3) 1,600 62.992 (Note 3) 1,600 62.992 (Note 3)
FT-R40
3,600 141.732 (Note 3) 3,600 141.732 (Note 3) 3,600 141.732 (Note 3)
FT-H35-M2
3,500 137.795 (Note 3) 3,500 137.795 (Note 3) 3,500 137.795 (Note 3)
FT-H20W-M1
1,600 62.992 (Note 3) 1,600 62.992 (Note 3) 1,600 62.992 (Note 3)
FT-H20-M1
1,600 62.992 (Note 3) 1,600 62.992 (Note 3) 1,600 62.992 (Note 3)
FT-H13-FM2
3,500 137.795 (Note 3) 3,500 137.795 (Note 3) 3,500 137.795 (Note 3)
Side-view
lens
FX-SV1
Beam axis is bent by
90°.
• Ambient
temperature:
–60 to +300 °C
–76 to +572 °F
(Note 5)
• Beam dia:
ø2.8 mm
ø0.110 in
Sensing range for red LED type (mm in) [Lens on both sides] (Note 2)
Expansion
lens for
vacuum fiber
(Note 1)
FV-LE1
Sensing range increases
by 4 times or more.
• Ambient temperature:
–60 to +350 °C
–76 to +662 °F (Note 5)
• Beam dia:
ø3.6 mm
ø0.142 in
Sensing range for red LED type (mm in) [Lens on both sides] (Note 2, 4)
Mode
Fiber
U-LG
STD
FAST
FT-H30-M1V-S
1,600 62.992
450 17.717
300 11.811
Vacuum
resistant
side-view
lens
(Note 1)
FV-SV2
Beam axis is bent by
90°.
• Ambient temperature:
–60 to +300 °C
–76 to +572 °F (Note 5)
• Beam dia:
ø3.7 mm
ø0.146 in
Sensing range for red LED type (mm in) [Lens on both sides] (Note 2, 4)
Mode
Fiber
U-LG
STD
FAST
FT-H30-M1V-S
1,600 62.992
450 17.717
300 11.811
Mode
Fiber
U-LG
STD
FAST
FT-43
2,300 90.551
480 18.898
350 13.780
FT-42
2,400 94.488
450 17.717
330 12.992
FT-45X
1,600 62.992 (Note 3)
530 20.866
370 14.567
FT-H35-M2
870 34.252
220 8.661
160 6.299
FT-H20W-M1
750 29.528
200 7.874
140 5.512
FT-H20-M1
870 34.252
220 8.661
160 6.299
Notes: 1) Be careful sure to use it only after you have adjusted it sufficiently when installing the thru-beam type fiber equipped with the expansion lens, as the
beam envelope becomes narrow and alignment is difficult.
2) The sensing ranges are the values for red LED type amplifier. Please contact our office for details on sensing ranges for other types of amplifiers.
3) The fiber cable length practically limits the sensing range.
4) The fiber cable length for the
FT-H30-M1V-S is 1 m 3.281 ft. The sensing ranges in U-LG mode take into account the length of the FT-J8 atmospheric side fiber.
5) Refer to p.15, p.18, p.33 and p.35 for the ambient temperatures of fibers to be used in combination.
Refer to p.69~ for details of lens dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com