Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-R41W Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # FT-R41W
Description  Digital Fiber Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FT-R41W Datasheet(HTML) 4 Page - Panasonic Semiconductor

  FT-R41W Datasheet HTML 1Page - Panasonic Semiconductor FT-R41W Datasheet HTML 2Page - Panasonic Semiconductor FT-R41W Datasheet HTML 3Page - Panasonic Semiconductor FT-R41W Datasheet HTML 4Page - Panasonic Semiconductor FT-R41W Datasheet HTML 5Page - Panasonic Semiconductor FT-R41W Datasheet HTML 6Page - Panasonic Semiconductor FT-R41W Datasheet HTML 7Page - Panasonic Semiconductor FT-R41W Datasheet HTML 8Page - Panasonic Semiconductor FT-R41W Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Digital Fiber Sensor
FX-410 SERIES
170
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Amplifiers Quick-connection cable is not supplied with the amplifier. Please order it separately.
Type
Appearance
Model No.
Emitting element
Output
FX-411
Red LED
NPN open-collector transistor
FX-411B
Blue LED
FX-411G
Green LED
FX-411P
Red LED
PNP open-collector transistor
FX-411BP
Blue LED
FX-411GP
Green LED
FX-412 (Note)
Red LED
NPN open-collector transistor
FX-412B (Note)
Blue LED
FX-412G (Note)
Green LED
Note: The
FX-412□ has a threshold value adjuster that can be adjusted with your fingers.
Quick-connection cables Quick-connection cable is not supplied with the amplifier. Please order it separately.
Type
Model No.
Description
Main cable
(3-core)
CN-73-C1
Length: 1 m 3.281 ft
0.2 mm2 3-core cabtyre cable,
with connector on one end
Cable outer diameter: ø3.3 mm
ø0.130 in
CN-73-C2
Length: 2 m 6.562 ft
CN-73-C5
Length: 5 m 16.404 ft
Sub cable
(1-core)
CN-71-C1
Length: 1 m 3.281 ft
0.2 mm2 1-core cabtyre cable,
with connector on one end
Cable outer diameter: ø3.3 mm
ø0.130 in
CN-71-C2
Length: 2 m 6.562 ft
CN-71-C5
Length: 5 m 16.404 ft
Main cable
• CN-73-C□
• CN-71-C□
Sub cable
End plates End plates are not supplied with the amplifier. Please order them separately when the amplifiers are mounted in cascade.
Appearance
Model No.
Description
MS-DIN-E
When cascading multiple amplifiers, or when it
moves depending on the way it is installed on a
DIN rail, these end plates clamp amplifiers into
place on both sides. Make sure to use end plates
when cascading multiple amplifiers together.
Two pcs. pet set
ORDER GUIDE
Designation
Model No.
Description
Amplifier
mounting bracket
MS-DIN-2
Mounting bracket for amplifier
Fiber amplifier
protection seal
FX-MB1
10 sets of 2 communication window seals and 1 connector seal
Communication window seal:
It prevents malfunction due to transmission signal from another
amplifier, as well as, prevents effect on another amplifier.
Connector seal:
It prevents contact of any metal, etc., with the pins of the
quick-connection cable.
Amplifier mounting bracket
• MS-DIN-2
Fiber amplifier protection seal
• FX-MB1
Communication
window seal
Connector seal
OPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com