Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-R41W Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # FT-R41W
Description  Digital Fiber Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FT-R41W Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button FT-R41W Datasheet HTML 7Page - Panasonic Semiconductor FT-R41W Datasheet HTML 8Page - Panasonic Semiconductor FT-R41W Datasheet HTML 9Page - Panasonic Semiconductor FT-R41W Datasheet HTML 10Page - Panasonic Semiconductor FT-R41W Datasheet HTML 11Page - Panasonic Semiconductor FT-R41W Datasheet HTML 12Page - Panasonic Semiconductor FT-R41W Datasheet HTML 13Page - Panasonic Semiconductor FT-R41W Datasheet HTML 14Page - Panasonic Semiconductor FT-R41W Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
177 DigitalFiberSensorFX-410SERIES
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
FIBER OPTIONS
Type
Spot diameter
(mm in) (Note)
Distance to
focal point
(mm in) (Note)
Lens
Fiber
Shape
(mm in)
Model No.
Shape
Emitting fiber
core (mm in)
Model No.
Finest spot
lens
ø0.1 ø0.004
approx.
7 ±0.5
0.276 ±0.020
FX-MR7
ø0.125 ø0.005
FD-R33EG
ø0.125 ø0.005
FD-EG31
ø0.15 ø0.006
approx.
ø0.175 ø0.007
FD-R34EG
ø0.2 ø0.008
approx.
ø0.25 ø0.010
FD-R32EG
ø0.25 ø0.010
FD-EG30
ø0.4 ø0.016
approx.
ø0.5 ø0.020
FD-R31G
ø0.5 ø0.020
FD-32G
ø0.5 ø0.020
FD-32GX
ø0.5 ø0.020
FD-42G
ø0.5 ø0.020
FD-42GW
Type
Spot diameter
(mm in) (Note)
Sensing range
(mm in)
(Note)
Lens
Applicable fibers
Shape
(mm in)
Model No. Emitting fiber
core (mm in)
Model No.
ø0.4 to ø2.0 ø0.016 to ø0.079 approx.
10 to 30
0.394 to1.181
FX-MR8
ø0.125 ø0.005 FD-R33EG, FD-EG31
ø0.4 to ø2.2 ø0.016 to ø0.087 approx.
ø0.175 ø0.007
FD-R34EG
ø0.5 to ø2.5 ø0.020 to ø0.098 approx.
ø0.25 ø0.010
FD-R32EG, FD-EG30
ø0.8 to ø3.5 ø0.031 to ø0.138 approx.
ø0.5 ø0.020
FD-R31G, FD-32G, FD-32GX, FD-42G, FD-42GW
ø4.0 ø0.157 approx.
0 to 30
0 to 1.181
FX-MR9
ø0.125 ø0.005
FD-R33EG, FD-EG31
ø0.175 ø0.007
FD-R34EG
ø0.25 ø0.010
FD-R32EG, FD-EG30
ø0.5 ø0.020
FD-R31G, FD-32G, FD-32GX, FD-42G, FD-42GW
15.3
0.602
ø5 ø0.197
15
0.591
ø5 ø0.197
ø5 ø0.197
10
0.394
Others
Designation
Model No.
Description
Protective tube
(For thru-beam
type fiber)
FTP-500 (0.5m 1.641 ft)
For
M4
thread
FT-42
FT-42S
FT-42W
FT-43
FT-H13-FM2
The protec-
tive tube,
made of
noncorro-
sive stain-
less steel,
protects
the inner
fiber cable
from any
external
forces.
FTP-1000 (1m 3.281 ft)
FTP-1500 (1.5m 4.922 ft)
FTP-N500 (0.5m 1.641 ft) For
M3
thread
FT-31
FT-31S
FT-31W
FD-31
FD-31W
FTP-N1000 (1m 3.281 ft)
FTP-N1500 (1.5m 4.922 ft)
Protective tube
(For reflective
type fiber)
FDP-500 (0.5m 1.641 ft)
For
M6
thread
FD-61
FD-61G
FD-61S
FD-61W
FD-62
FD-H13-FM2
FDP-1000 (1m 3.281 ft)
FDP-1500 (1.5m 4.922 ft)
FDP-N500 (0.5m 1.641 ft) For
M4
thread
FD-41
FD-41W
FD-41S
FD-41SW
FDP-N1000 (1m 3.281 ft)
FDP-N1500 (1.5m 4.922 ft)
Fiber bender
FB-1
The fiber bender bends the sleeve part of the
fiber head at the proper radius. (Note 1)
Universal sensor
mounting stand (Note 2)
MS-AJ1-F
Horizontal mounting type Mounting stand assembly for fiber
(For M3,M4 or M6 threaded head fiber)
MS-AJ2-F
Vertical mounting type
Single-core
holder
FX-AT15A
The incident light intensity may vary when using a multi-core fiber or a thin type sharp
bending fiber. This holder suppresses the variation in the incident light intensity. Brown.
Notes: 1) Do not bend the sleeve part of any side-view type fiber or ultra-small diameter head type fiber.
2) Refer to the universal sensor mounting stand
MS-AJ series pages for details.
FTP-□
FDP-□
FB-1
MS-AJ1-F
MS-AJ2-F
FX-AT15A
Single-core
holder
Fiber bender
Protective tube
Universal sensor mounting stand
Using the arm which enables adjustment in the horizontal direction,
sensing can also be done from above an assembly line.
360°
Angle adjustment: ±20°
20°
20°
Height adjustment:
150 mm 5.906 in approx.
Mounting hole for M6 screw
Forward / back adjustment:
130 mm 5.118 in approx.
Swivel: 360° rotation
360°
Angle adjustment: ±20°
20°
20°
Height adjustment:
150 mm 5.906 in approx.
Mounting hole for M6 screw
Forward / back adjustment:
130 mm 5.118 in approx.
Swivel: 360° rotation
Refer to p.69~ for details of lens dimensions.
Lens (For square head M3 reflective fiber)
Note: Spot diameter, distance to focal point and sensing range are specified for a red LED type amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com