Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR02 Datasheet(PDF) 5 Page - Analog Devices

Part # ADR02
Description  Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR02 Datasheet(HTML) 5 Page - Analog Devices

  ADR02 Datasheet HTML 1Page - Analog Devices ADR02 Datasheet HTML 2Page - Analog Devices ADR02 Datasheet HTML 3Page - Analog Devices ADR02 Datasheet HTML 4Page - Analog Devices ADR02 Datasheet HTML 5Page - Analog Devices ADR02 Datasheet HTML 6Page - Analog Devices ADR02 Datasheet HTML 7Page - Analog Devices ADR02 Datasheet HTML 8Page - Analog Devices ADR02 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Preliminary Technical Data
AD5762R
Rev. PrA | Page 5 of 33
Parameter
C Grade2
Unit
Test Conditions/Comments
DIGITAL INPUTS3
DVCC = 2.7 V to 5.25 V, JEDEC compliant
VIH, Input High Voltage
2
V min
VIL, Input Low Voltage
0.8
V max
Input Current
±1
µA max
Per pin
Pin Capacitance
10
pF max
Per pin
DIGITAL OUTPUTS (D0, D1, SDO)3
Output Low Voltage
0.4
V max
DVCC = 5 V ± 5%, sinking 200 µA
Output High Voltage
DVCC − 1
V min
DVCC = 5 V ± 5%, sourcing 200 µA
Output Low Voltage
0.4
V max
DVCC = 2.7 V to 3.6 V,
sinking 200 µA
Output High Voltage
DVCC − 0.5
V min
DVCC = 2.7 V to 3.6 V,
sourcing 200 µA
High Impedance Leakage Current
±1
µA max
SDO only
High Impedance Output Capacitance
5
pF typ
SDO only
DIE TEMPERATURE SENSOR3
Output Voltage at 25°C
1.4
V typ
Die temperature
Output Voltage Scale Factor
5
mV/°C typ
Output Voltage Range
1.175/1.9
V min/V max
−40°C to 105°C
Output Load Current
200
µA max
Current source only
Power-On Time
80
ms typ
POWER REQUIREMENTS
AVDD/AVSS
11.4/16.5
V min/V max
DVCC
2.7/5.25
V min/V max
Power Supply Sensitivity3
∆VOUT/∆ΑVDD
−85
dB typ
AIDD
3.5
mA/channel max
Outputs unloaded
AISS
2.75
mA/channel max
Outputs unloaded
DICC
1.2
mA max
VIH = DVCC, VIL = DGND, 750 µA typ
Power Dissipation
140
mW typ
±12 V operation output unloaded
2 Temperature range : -40°C to +85°C; typical at 25°C. Device functionality is guaranteed to +105°C with degraded performance.
3 Guaranteed by design and characterization; not production tested.
4 Output amplifier headroom requirement is 1.4 V minimum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com