Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR02 Datasheet(PDF) 18 Page - Analog Devices

Part # ADR02
Description  Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR02 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADR02 Datasheet HTML 14Page - Analog Devices ADR02 Datasheet HTML 15Page - Analog Devices ADR02 Datasheet HTML 16Page - Analog Devices ADR02 Datasheet HTML 17Page - Analog Devices ADR02 Datasheet HTML 18Page - Analog Devices ADR02 Datasheet HTML 19Page - Analog Devices ADR02 Datasheet HTML 20Page - Analog Devices ADR02 Datasheet HTML 21Page - Analog Devices ADR02 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
AD5762R
Preliminary Technical Data
Rev. PrA | Page 18 of 33
7000
3000
4000
5000
6000
2000
–1000
0
1000
–10
10
5
0
–5
SOURCE/SINK CURRENT (mA)
VDD/VSS = ±15V
VDD/VSS = ±12V
TA = 25°C
REFIN = 5V
RISCC = 6kΩ
Figure 25. Source and Sink Capability of Output Amplifier with Positive
Full Scale Loaded
10000
7000
8000
9000
3000
4000
5000
6000
2000
–1000
0
1000
–12
8
3
–2
–7
SOURCE/SINK CURRENT (mA)
15V SUPPLIES
12V SUPPLIES
TA = 25°C
REFIN = 5V
RISCC = 6kΩ
Figure 26. Source and Sink Capability of Output Amplifier with Negative
Full Scale Loaded
CH1 3.00V
M1.00µs
CH1
–120mV
1
VDD/VSS = ±15V
TA = 25°C
REFIN = 5V
1µs/DIV
Figure 27. Full-Scale Settling Time
–4
–6
–8
–10
–12
–14
–16
–18
–20
–22
–24
–26
–2.0–1.5–1.0–0.5 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
TIME (µs)
VDD/VSS = ±12V,
REFIN = 5V,
TA = 25°C,
0x8000 TO 0x7FFF,
500ns/DIV
Figure 28. Major Code Transition Glitch Energy, VDD/VSS = ±12 V
CH4 50.0µV
M1.00s
CH4
26µV
4
VDD/VSS = ±15V
MIDSCALE LOADED
REFIN = 0V
50µV/DIV
Figure 29. Peak-to-Peak Noise (100 kHz Bandwidth)
CH1 10.0V BW
CH3 10.0mV BW
T 29.60%
CH2 10.0V
M100µs A CH1
7.80mV
1
2
3
VDD/VSS = ±12V,
REFIN = 5V, TA = 25°C,
RAMP TIME = 100µs,
LOAD = 200pF||10kΩ
T
Figure 30. VOUT vs. VDD/VSS on Power-Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com