Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR02 Datasheet(PDF) 29 Page - Analog Devices

Part # ADR02
Description  Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR02 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADR02 Datasheet HTML 25Page - Analog Devices ADR02 Datasheet HTML 26Page - Analog Devices ADR02 Datasheet HTML 27Page - Analog Devices ADR02 Datasheet HTML 28Page - Analog Devices ADR02 Datasheet HTML 29Page - Analog Devices ADR02 Datasheet HTML 30Page - Analog Devices ADR02 Datasheet HTML 31Page - Analog Devices ADR02 Datasheet HTML 32Page - Analog Devices ADR02 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
Preliminary Technical Data
AD5762R
Rev. PrA | Page 29 of 33
APPLICATIONS INFORMATION
TYPICAL OPERATING CIRCUIT
Figure 42 shows the typical operating circuit for the AD5762R.
The only external components needed for this precision 16-bit
DAC are decoupling capacitors on the supply pins and reference
inputs, and an optional short-circuit current setting resistor.
Because the AD5762R incorporates a voltage reference and
reference buffers, it eliminates the need for an external bipolar
reference and associated buffers. This leads to an overall savings
in both cost and board space.
In Figure 42, VDD and VSS are both connected to ±15 V, but VDD
and VSS can operate with supplies from ±11.4 V to ±16.5 V. In
Figure 42, AGNDA and AGNDB are connected to REFGND.
1
2
3
4
5
6
7
8
23
22
21
18
19
20
24
17
9
10 11 12 13 14 15 16
32 31 30 29 28 27 26 25
AD5762R
SYNC
SCLK
SDIN
SDO
D0
LDAC
CLR
D1
NC
VOUTA
AGNDA
NC
VOUTB
AGNDB
NC
NC
SYNC
SCLK
SDIN
SDO
LDAC
D0
D1
RSTOUT
RSTIN
BIN/2sCOMP
+5V
+5V
+15V –15V
+15V –15V
VOUTB
VOUTA
100nF
10µF
100nF
100nF
10µF
10µF
TEMP
10µF
Figure 42. Typical Operating Circuit
Precision Voltage Reference Selection
To achieve the optimum performance from the AD5762R over
its full operating temperature range, an external voltage
reference must be used. Thought should be given to the
selection of a precision voltage reference. The voltage applied to
the reference input is used to provide a buffered positive and
negative reference for the DAC cores. Therefore, any error in
the voltage reference is reflected in the outputs of the device.
There are four possible sources of error to consider when
choosing a voltage reference for high accuracy applications:
initial accuracy, temperature coefficient of the output voltage,
long term drift, and output voltage noise.
Initial accuracy error on the output voltage of an external refer-
ence could lead to a full-scale error in the DAC. Therefore, to
minimize these errors, a reference with low initial accuracy
error specification is preferred. Choosing a reference with an
output trim adjustment, such as the ADR425, allows a system
designer to trim system errors out by setting the reference
voltage to a voltage other than the nominal. The trim ad-
justment can also be used at temperature to trim out any error.
Long term drift is a measure of how much the reference output
voltage drifts over time. A reference with a tight long-term drift
specification ensures that the overall solution remains relatively
stable over its entire lifetime.
The temperature coefficient of a reference’s output voltage
affects INL, DNL, and TUE. A reference with a tight
temperature coefficient specification should be chosen to
reduce the dependence of the DAC output voltage on ambient
conditions.
In high accuracy applications, which have a relatively low noise
budget, reference output voltage noise needs to be considered.
Choosing a reference with as low an output noise voltage as
practical for the system resolution required is important.
Precision voltage references such as the ADR435 (XFET design)
produce low output noise in the 0.1 Hz to 10 Hz region.
However, as the circuit bandwidth increases, filtering the output
of the reference may be required to minimize the output noise.
Table 18. Some Precision References Recommended for Use with the AD5762R
Part No.
Initial Accuracy(mV Max)
Long-Term Drift (ppm Typ)
Temp Drift (ppm/°C Max)
0.1 Hz to 10 Hz Noise (µV p-p Typ)
ADR435
±6
30
3
3.4
ADR425
±6
50
3
3.4
ADR02
±5
50
3
15
ADR395
±6
50
25
5
AD586
±2.5
15
10
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com