Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR02 Datasheet(PDF) 25 Page - Analog Devices

Part # ADR02
Description  Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR02 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADR02 Datasheet HTML 21Page - Analog Devices ADR02 Datasheet HTML 22Page - Analog Devices ADR02 Datasheet HTML 23Page - Analog Devices ADR02 Datasheet HTML 24Page - Analog Devices ADR02 Datasheet HTML 25Page - Analog Devices ADR02 Datasheet HTML 26Page - Analog Devices ADR02 Datasheet HTML 27Page - Analog Devices ADR02 Datasheet HTML 28Page - Analog Devices ADR02 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
Preliminary Technical Data
AD5762R
Rev. PrA | Page 25 of 33
DATA REGISTER
The data register is addressed by setting the three REG bits to 010. The DAC address bits select with which DAC channel the data transfer
is to take place (see Table 8). The data bits are in positions DB15 to DB0 for the AD5762R as shown in Table 11.
Table 11. Programming the AD5762R Data Register
REG2
REG1
REG0
A2
A1
A0
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
1
0
DAC Address
16-Bit DAC Data
COARSE GAIN REGISTER
The coarse gain register is addressed by setting the three REG bits to 011. The DAC address bits select with which DAC channel the data
transfer is to take place (see Table 8). The coarse gain register is a 2-bit register and allows the user to select the output range of each DAC
as shown in Table 13.
Table 12. Programming the AD5762R Coarse Gain Register
REG2
REG1
REG0
A2
A1
A0
DB15 …. DB2
DB1
DB0
0
1
1
DAC Address
Don’t Care
CG1
CG0
Table 13. Output Range Selection
Output Range
CG1
CG0
±10 V (default)
0
0
±10.2564 V
0
1
±10.5263 V
1
0
FINE GAIN REGISTER
The fine gain register is addressed by setting the three REG bits to 100. The DAC address bits select with which DAC channel the data
transfer is to take place (see Table 8). The AD5762R fine gain register is a 6-bit register and allows the user to adjust the gain of each DAC
channel by −32 LSBs to +31 LSBs in 1 LSB steps as shown in Table 14 and Table 15. The adjustment is made to both the positive full-scale
points and the negative full-scale points simultaneously, each point being adjusted by ½ of one step. The fine gain register coding is twos
complement.
Table 14. Programming AD5762R Fine Gain Register
REG2
REG1
REG0
A2
A1
A0
DB15:DB6
DB5
DB4
DB3
DB2
DB1
DB0
1
0
0
DAC Address
Don’t Care
FG5
FG4
FG3
FG2
FG1
FG0
Table 15. AD5762R Fine Gain Register Options
Gain Adjustment
FG5
FG4
FG3
FG2
FG1
FG0
+31 LSBs
0
1
1
1
1
1
+30 LSBs
0
1
1
1
1
0
-
-
-
-
-
-
No Adjustment (default)
0
0
0
0
0
0
-
-
-
-
-
-
−31 LSBs
1
0
0
0
0
1
−32 LSBs
1
0
0
0
0
0
OFFSET REGISTER
The offset register is addressed by setting the three REG bits to 101. The DAC address bits select with which DAC channel the data
transfer is to take place (see Table 8). The AD5762R offset register is an 8-bit register and allows the user to adjust the offset of each
channel by −16 LSBs to +15.875 LSBs in steps of ⅛ LSB as shown in Table 16 and Table 17. The offset register coding is twos complement.
Table 16. Programming the AD5762R Offset Register
REG2
REG1
REG0
A2
A1
A0
DB15:DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
1
0
1
DAC Address
Don’t Care
OF7
OF6
OF5
OF4
OF3
OF2
OF1
OF0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com