Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR02 Datasheet(PDF) 17 Page - Analog Devices

Part # ADR02
Description  Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR02 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADR02 Datasheet HTML 13Page - Analog Devices ADR02 Datasheet HTML 14Page - Analog Devices ADR02 Datasheet HTML 15Page - Analog Devices ADR02 Datasheet HTML 16Page - Analog Devices ADR02 Datasheet HTML 17Page - Analog Devices ADR02 Datasheet HTML 18Page - Analog Devices ADR02 Datasheet HTML 19Page - Analog Devices ADR02 Datasheet HTML 20Page - Analog Devices ADR02 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Preliminary Technical Data
AD5762R
Rev. PrA | Page 17 of 33
0.8
0.6
0.4
–0.4
–0.2
0
0.2
–40
100
80
60
40
20
0
–20
TEMPERATURE (°C)
REFIN = 5V
VDD/VSS = ±15V
VDD/VSS = ±12V
Figure 19. Total Unadjusted Error vs. Reference Voltage,
VDD/VSS = ±16.5 V
14
13
12
11
10
9
8
11.4
16.4
15.4
14.4
13.4
12.4
VDD/VSS (V)
TA = 25°C
REFIN = 5V
|ISS|
|IDD|
Figure 20. IDD/ISS vs. VDD/VSS
0.25
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
–40
100
80
60
40
20
0
–20
TEMPERATURE (°C)
REFIN = 5V
VDD/VSS = ±15V
VDD/VSS = ±12V
Figure 21. Zero-Scale Error vs. Temperature
0.8
0.6
0.4
–0.4
–0.2
0
0.2
–40
100
80
60
40
20
0
–20
TEMPERATURE (°C)
REFIN = 5V
VDD/VSS = ±15V
VDD/VSS = ±12V
Figure 22. Bipolar Zero Error vs. Temperature
1.4
0.6
0.8
1.0
1.2
0.4
–0.2
0
0.2
–40
100
80
60
40
20
0
–20
TEMPERATURE (°C)
REFIN = 5V
VDD/VSS = ±15V
VDD/VSS = ±12V
Figure 23. Gain Error vs. Temperature
0.0014
0.0013
0.0012
0.0011
0.0010
0.0009
0.0008
0.0007
0.0006
05.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
VLOGIC
TA = 25°C
5V
3V
Figure 24. DICC vs. Logic Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com