Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6413 Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6413
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6413 Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6413 Datasheet HTML 4Page - Torex Semiconductor XC6413 Datasheet HTML 5Page - Torex Semiconductor XC6413 Datasheet HTML 6Page - Torex Semiconductor XC6413 Datasheet HTML 7Page - Torex Semiconductor XC6413 Datasheet HTML 8Page - Torex Semiconductor XC6413 Datasheet HTML 9Page - Torex Semiconductor XC6413 Datasheet HTML 10Page - Torex Semiconductor XC6413 Datasheet HTML 11Page - Torex Semiconductor XC6413 Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8/20
XC6413/XC6414 Series
VROUT
0.9 ~1.2V
1.3 ~ 1.7V
1.8 ~ 5.5V
CL
More than 4.7μF
More than 2.2μF
More than 1.0μF
VIN
VROUT
VSS
Cd
VDOUT
V
CL= * *μF
(Ceramic)
RL
A
A
CIN= 1μF
(Ceramic)
VIN
VIN
VROUT
VSS
Cd
VDOUT
A CIN= 1μF
(Ceramic)
VIN
VIN
VROUT
VSS
Cd
VDOUT
CL= * *μF
(Ceramic)
IROUT=50mA
V
V
■
TEST CIRCUITS
XC6413/14F Series
●
Circuit 1
●
Circuit 2
●
Output Capacitor Corresponding Chart
●
Circuit 3
[XC6413F Series]
VROUT<1.25V
VIN={2.25V{VDC
+0.5Vp-pAC
VIN={VROUT+1.0V}VDC
+0.5Vp-pAC
[XC6414F Series]
VROUT<0.9V
VIN={2.0V}VDC
+0.5Vp-pAC
VIN={VROUT+1.0V}VDC
+0.5Vp-pAC
VROUT>4.75V
VIN={5.75V}VDC
+0.5Vp-pAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com