Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6413 Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6413
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6413 Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6413 Datasheet HTML 2Page - Torex Semiconductor XC6413 Datasheet HTML 3Page - Torex Semiconductor XC6413 Datasheet HTML 4Page - Torex Semiconductor XC6413 Datasheet HTML 5Page - Torex Semiconductor XC6413 Datasheet HTML 6Page - Torex Semiconductor XC6413 Datasheet HTML 7Page - Torex Semiconductor XC6413 Datasheet HTML 8Page - Torex Semiconductor XC6413 Datasheet HTML 9Page - Torex Semiconductor XC6413 Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6/20
XC6413/XC6414 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CIRCUIT
Output Voltage (* 2,3)
VROUT(E)
IROUT=30mA
×
0.98 VROUT(T) ×1.02
V
1
Maximum Output Current
(XC6413, 0.9 ~ 1.7V)
IROUTMAX
VIN = 3.1V
150
-
-
mA
1
Maximum Output Current
(XC6413, 1.8 ~ 5.3V)
IROUTMAX
When VROUT ≦ 2.1V, VIN=3.1V
300
-
-
mA
1
Maximum Output Current
(XC6414, 0.9 ~ 2.4V)
IROUTMAX
VIN = VROUT(T)+2.0V
400
-
-
mA
1
Maximum Output Current
(XC6414, 2.5 ~ 4.9V)
IROUTMAX
VIN= VROUT(T)+2.0V
500
-
-
mA
1
Load Regulation
△
VROUT
1mA ≦ IROUT ≦ 100mA
-
15
50
mV
1
Vdif1
IROUT=30mA
E-1
mV
1
Dropout Voltage (*4)
Vdif2
IROUT=100mA
E-2
mV
1
Supply Current
(FV / FX / FY / FZ Series)
IDD
VIN=VROUT(T)+1.0V
-
35
70
μ
A
2
Line Regulation
△
VROUT
△
VIN・VOUT
VROUT(T)+1.0V ≦VIN ≦10.0V
IROUT=30mA
-
0.01
0.20
% / V
1
Input Voltage
VIN
2.0
-
10.0
V
-
IROUT=30mA
Output Temperature
Characteristics
△
VROUT
△
Topr・VROUT
-40℃ < Topr< 85℃
-
±
100
-
ppm /℃
1
VIN=[VROUT(T)+1.0]V+0.5Vp-pAC
When VROUT(T)<1.25V
→
VIN=2.25V+0.5Vp-pAC
Ripple Rejection Rate
PSRR
IROUT=50mA, f=10kHz
-
65
-
dB
3
Current Limit
(XC6413, VROUT 1.8V or more)
IRlim
VROUT < 2.1V 時 VIN=3.1V
300
380
-
mA
1
Current Limit
(XC6413, VROUT 1.7V or more)
IRlim
VIN=3.1V
-
380
-
mA
1
Current Limit
(XC6414, VROUT 2.4V or more)
IRlim
VIN=VROUT(T)+2.0V
-
600
-
mA
1
Current Limit
(XC6414, VROUT 2.5V or more)
IRlim
VIN=VROUT(T)+2.0V
500
600
-
mA
1
Short Circuit Current
IRshort
VIN=VROUT(T)+1.0V
When VIN=3.1V, VROUT ≦2.1V
-
50
-
mA
1
Detect Voltage (*7,8)
VDF (E)
×
0.98
VDF (T)
×
1.02
V
4
VDF (T)
VDF (T)
VDF (T)
Hysteresis Range (*7)
VHYS
×
0.02
×
0.05
×
0.08
V
4
VIN = 2.0V
2.0
5.0
-
VIN = 3.0V
4.0
7.5
-
VIN = 4.0V
5.0
9.5
-
VIN = 5.0V
6.0
10.5
-
VDOUT = 0.5V
VIN = 6.0V
6.5
11.5
-
VIN = 7.0V
7.0
12.5
-
VIN = 8.0V
7.5
13.5
-
VIN = 9.0V
8.0
14.5
-
Output Current (*9)
IDOUT
VIN = 10.0V
8.5
14.5
-
mA
5
Detect Voltage Temperature
Characteritsics
△
VDF
△
Topr・VDF
-40℃ ≦ Topr ≦ 85℃
-
±
100
-
ppm /℃
4
VIN=7.0V, Cd=0V
Delay Resistance
Delay
Delay Resistance=7.0V/Delay Current
1.0
2.0
3.5
MΩ
6
■
ELECTRICAL CHARACTERISTICS
XC6413/14 FV / FX / FY / FZ Series
Ta=25℃
NOTE:
*1
: Unless otherwise stated, VIN=VOUT(T)+1.0V
*2
: VROUT(T)=Specified VR output voltage
*3
: VOUT(E)=Actual VR output voltage
(i.e. the VR output voltage when "VROUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IROUT value).
*4
: Vdif={VIN1
(*6)-VROUT1(*5)}
*5
: A voltage equal to 98% of the VR output voltage whenever a stabilized VROUT1=IROUT{VROUT(T)+1.0V} is input.
*6
: VIN1=The input voltage when VOUT1, which appears as Input voltage is gradually decreased.
*7
: VDF(T) : Specified detect voltage value
*8
: VDF(E) : Actual detect voltage value. Refer to the E-0 chart for VDF(T) values less than 1.5V.
*9 : VD supply current = sink current during detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com