Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6413 Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XC6413
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6413 Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XC6413 Datasheet HTML 10Page - Torex Semiconductor XC6413 Datasheet HTML 11Page - Torex Semiconductor XC6413 Datasheet HTML 12Page - Torex Semiconductor XC6413 Datasheet HTML 13Page - Torex Semiconductor XC6413 Datasheet HTML 14Page - Torex Semiconductor XC6413 Datasheet HTML 15Page - Torex Semiconductor XC6413 Datasheet HTML 16Page - Torex Semiconductor XC6413 Datasheet HTML 17Page - Torex Semiconductor XC6413 Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14/20
XC6413/XC6414 Series
SERIES
EN/CE INPUT LOGIC
XC6413/14 * A ~ D
High Active with Pull-Down
XC6413/14 * E ~ K
High Active with No Pull-Down
XC6413/14 * L ~ P
Low Active with Pull-Up
XC6413/14 * R ~ U
Low Active with No Pull-Up
■
OPERATIONAL EXPLANATION (Continued)
<EN / CE Pin (Continued)>
In stand-by mode, the above input current can be reduced by connecting a pull-up resistor between VROUT and VDOUT.
Note that as the XC6413/14*E to K types of the XC6413/14A to D series are ' High Active / No Pull-Down' and XC6413/14*R
to U types of the XC6413/14A to D series are ' Low Active / No Pull-Up', operations will become unstable with the CE pin
open (See the chart below).
We suggest that you use this IC with either a VIN voltage or a VSS voltage input at the EN or CE pin. If this IC is used with
the correct specifications for the EN or CE pin, the IC will operate normally. However, supply current may increase as a
result of through current in the IC's internal circuitry if a voltage other than VIN or VSS is applied.
<Toggle Operation>
The XC6413/14 A and B series have a built-in toggle ON/OFF switch which repeats an on/off operation via the EN pin's
leading edge signal when the EN logic is HIGH active, and via the EN pin's falling edge signal when the EN logic is LOW active
(Please also refer the figure below). The EN input signal duration should be over 500nsec. If the EN input signal is less than
500nsec, it is possible that the circuit fails to respond and the toggle function does not operate. To operate the toggle function
properly when the EN pin voltage noise is large, a RC filter should be used to reduce the noise in the signal to the EN pin.
XC6413/14B series can reset FF (flip flop), used for the toggle operation, internally by using a signal of the detector function.
The signal of the detector function resets FF after converted to 1 shot signal in the IC. The regulator block start to output
when a signal is given via the EN pin again.
EN Logic High Active
(*A~D Series)
[XC6413 Series]
[XC6414 Series]
Internal Circuit Response Time
Approximate 20μsec
500nsec or more
EN Pin Signal
VROUT Voltage
VROUT Voltage
Internal Circuit Response Time
Approximate 10μsec
VROUT Voltage
VROUT Voltage
EN Pin Signal
500nsec or more
VIN Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com