Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6413 Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6413
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6413 Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6413 Datasheet HTML 7Page - Torex Semiconductor XC6413 Datasheet HTML 8Page - Torex Semiconductor XC6413 Datasheet HTML 9Page - Torex Semiconductor XC6413 Datasheet HTML 10Page - Torex Semiconductor XC6413 Datasheet HTML 11Page - Torex Semiconductor XC6413 Datasheet HTML 12Page - Torex Semiconductor XC6413 Datasheet HTML 13Page - Torex Semiconductor XC6413 Datasheet HTML 14Page - Torex Semiconductor XC6413 Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11/20
XC6413/XC6414
Series
■
BLOCK DIAGRAMS
XC6413/14A, B Series
XC6413/14C, D Series
Optional:
Active H w ith Pull-dow n R
Active H w ith no Pull-dow n R
Active L w ith Pull-up R
Active L w ith no Pull-up R
VR circuit
EN
VSS
VROUT
VIN
R1
R2
TQ
R
toggle FF
R4
R3
VDOUT
Comp. VD
Error Amp.
Power ON
Clear for FF
Optional
(B Series)
Optional:
Detect H
Detect L
CFB
Optional:
VIN SENSE
VROUT SENSE
VR circuit (C Series)
each circuit (D Series)
EN / CE
VSS
VROUT
VIN
R1
R2
R4
R3
VDOUT
Comp. VD
Error Amp.
Optional:
Active H w ith Pull-up R
Active H w ith no Pull-up R
Active L w ith Pull-up R
Active L w ith no Pull-up R
Optional:
Detect H
Detect L
CFB
1 Shot
Pulse
Current
Limit
Voltage
Reference
Voltage
Reference
Current
Limit
Optional:
VIN SENSE
VROUT SENSE
ON / OFF
Control
Control
ON / OFF
Optional:
High Active with Pull-up R
High Active with no Pull-up R
Low Active with pull-up R
Low Active with pull-up R
Optional:
High Active with Pull-down R
High Active with no Pull-down R
Low Active with pull-up R
Low Active with pull-up R
Optional:
VIN SENSE
VROUT SENSE
XC6413 / 14 A, B Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com