Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6413 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6413
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6413 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6413 Datasheet HTML 9Page - Torex Semiconductor XC6413 Datasheet HTML 10Page - Torex Semiconductor XC6413 Datasheet HTML 11Page - Torex Semiconductor XC6413 Datasheet HTML 12Page - Torex Semiconductor XC6413 Datasheet HTML 13Page - Torex Semiconductor XC6413 Datasheet HTML 14Page - Torex Semiconductor XC6413 Datasheet HTML 15Page - Torex Semiconductor XC6413 Datasheet HTML 16Page - Torex Semiconductor XC6413 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13/20
XC6413/XC6414
Series
Cdelay
DELAY TIME (TYP.)
DELAY TIME
0.01μF
14msec
7 ~ 24.5msec
0.022μF
30.8msec
15.4 ~ 53.9msec
0.047μF
65.8msec
32.9 ~ 115.15msec
0.1μF
140msec
70 ~ 245msec
0.22μF
308msec
154 ~ 539msec
0.47μF
658msec
329 ~ 1151.5msec
1μF
1400msec
700 ~ 2450msec
VROUT
0.9 ~ 1.2V
1.3 ~ 1.7V
1.8 ~ 5.5V
CL
More than 4.7μF
More than 2.2μF
More than 1.0μF
■
OPERATIONAL EXPLANATION
<Output Voltage Regulator Control>
The voltage, divided by resistors R1 & R2 which are connected to the VROUT pin is compared with the internal reference
voltage by the error amplifier. The P-channel MOSFET, which is connected to the VROUT pin, is then driven by the
subsequent output signal. The output voltage at the VROUT pin is controlled & stabilized by negative feedback.
The current limit circuit and short circuit protection operate in relation to the level of output current. Further, the voltage
regulator's internal circuitry can be shutdown via the EN or CE pin's signal.
<Detector Function with the XC6413/14 Series>
The series' detector function monitors the voltage divided by resistors R3 & R4 which are connected to the VROUT pin or the
VIN pin or the VSEN pin, as well as monitoring the voltage of the internal reference voltage source via the comparator. The
VDSEN pin has options (please refer to the Selection Guide, item 4). A 'High' or 'Low' signal level can be output from the
VDOUT pin when the VD pin voltage level goes below the detect voltage. The VD output logic has options (please refer to
the Selection Guide, item 5). As VDOUT is an open-drain N-channel output, a pull-up resistor of about 220kΩ is needed to
achieve a voltage output. Because of hysteresis at the detector function, output at the VDOUT pin will invert when the detect
voltage level increases above the release voltage (105% of the detect voltage). Even when the XC6413/14A, B, C, series
are in stand-by mode, the voltage detector function operates and the output voltage at VDOUT will output according to the
voltage level at VDSENSE voltage. For the XC6413/14A, B, C types, in stand-by, if a voltage of the recovery voltage is
present at the VROUT pin (from another power source), the VDOUT pin will be high impedance mode, and the pull up voltage
will be output at VDOUT. By connecting the Cdelay pin to a capacitor (Cd), the XC6413/14F series can apply a delay time to
VDOUT voltage when releasing voltage. The delay time can be calculated from the internal resistance, Rdelay (2MΩ, TYP.,
fixed) and the value of Cd as per the following equation.
Delay Time = Cdelay×Rdelay×0.7
<Low ESR Capacitors>
With the XC6403/04 series regulator, a stable output voltage is achievable even if low ESR capacitors are used, as a phase
compensation circuit is built-in to the regulator. In order to ensure the effectiveness of the phase compensation, we suggest
that an output capacitor (CL) be connected as close as possible, between the output pin (VROUT) and the VSS pin. Please
use an output capacitor (CL) with a capacitance, based on the chart below. We also suggest an input capacitor (CIN) of 1
μ
F : this should be connected between VIN and VSS in order to stabilize input power source.
<Current Limiter, Short-Circuit Protection>
The XC6413/14 series regulator offers a combination of current limit and circuit protection by means of a built-in fixed current
limiter circuit and a foldback circuit. When the load current reaches the current limit level, the fixed current limiter circuit
operates and output voltage drops. As a result of this drop in output voltage, the foldback circuit operates, the output voltage
drops further and output current decreases. When the output pin is shorted, a current of about 50mA flows.
<EN / CE Pin>
The IC's internal regulator circuitry can be shut down via the signal from the EN pin with the XC6413/14A, B, C series. In
shutdown mode, output at the VROUT pin will be pulled down to the VSS level via R1 & R2. The whole IC's circuitry can be
shut down via CE pin with the XC6413/14D series and power consumption can be reduced to around 0μA (TYP.). While
the voltage detector is in shutdown mode, the voltage detector output is in a post-detection state. When choosing Detect L,
input current can be set by using the following formula.
Input Current = VIN voltage / Pull-Up Resistance
●
Delay Time Rdelay: 1.0 ~ 3.5MΩ, TYP:2.0MΩ
●
Output Capacitor Corresponding Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com