Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F752 Datasheet(PDF) 47 Page - Microchip Technology

Part # PIC12F752
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 47 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 43Page - Microchip Technology PIC12F752 Datasheet HTML 44Page - Microchip Technology PIC12F752 Datasheet HTML 45Page - Microchip Technology PIC12F752 Datasheet HTML 46Page - Microchip Technology PIC12F752 Datasheet HTML 47Page - Microchip Technology PIC12F752 Datasheet HTML 48Page - Microchip Technology PIC12F752 Datasheet HTML 49Page - Microchip Technology PIC12F752 Datasheet HTML 50Page - Microchip Technology PIC12F752 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 47
PIC16F753/HV753
5.6
PORTC Registers
PORTC is a 6-bit wide port with five bidirectional and one
input-only pin. The corresponding data direction register
is TRISC (Register 5-2). Setting a TRISC bit (= 1) will
make the corresponding PORTC pin an input (i.e.,
disable the output driver). Clearing a TRISC bit (= 0) will
make the corresponding PORTC pin an output (i.e.,
enables output driver and puts the contents of the output
latch on the selected pin). The exception is RA3, which
is input-only and its TRIS bit will always read as ‘1’.
Example 5-1 shows how to initialize PORTC.
Reading the PORTC register (Register 5-2) reads the
status of the pins, whereas writing to it will write to the
PORT latch. All write operations are read-modify-write
operations. Therefore, a write to a port implies that the
port pins are read, this value is modified and then
written to the PORT data latch. RC3 reads ‘0’ when
MCLRE = 1.
The TRISC register controls the direction of the
PORTC pins, even when they are being used as
analog inputs. The user must ensure the bits in the
TRISC register are maintained set when using them as
analog inputs. I/O pins configured as analog input
always read ‘0’.
5.6.1
PORTC FUNCTIONS AND OUTPUT
PRIORITIES
Each PORTC pin is multiplexed with other functions. The
pins, their combined functions and their output priorities
are shown in Table 5-1.
When multiple outputs are enabled, the actual pin
control goes to the peripheral with the highest priority.
Analog input functions, such as comparator inputs, are
not shown in the priority lists. These inputs are active
when the peripheral is enabled and the input multiplexer
for the pin is selected. The Analog mode, set with the
ANSELC register, disables the digital input buffer
thereby preventing excessive input current when the
analog input voltage is between logic states. Digital
output functions may control the pin when it is in Analog
mode with the priority shown in Table 5-1.
Note:
The ANSEL register must be initialized to
configure an analog channel as a digital
input. Pins configured as analog inputs will
read ‘0’ and cannot generate an interrupt.
TABLE 5-3:
PORTC OUTPUT PRIORITY
Pin Name
Function Priority
RC0
OPA1IN+
C2IN0+
RC0
RC1
OPA1IN-
C1IN1-
C2IN1-
RC1
RC2
SLPCIN
OPA1OUT
C1IN2-
C2IN2-
RC2
RC3
C1IN3-
C2IN3-
RC3
RC4
COG1OUT1
C2OUT
RC4
RC5
COG1OUT0
CCP1
RC5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com