Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F752 Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC12F752
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 8Page - Microchip Technology PIC12F752 Datasheet HTML 9Page - Microchip Technology PIC12F752 Datasheet HTML 10Page - Microchip Technology PIC12F752 Datasheet HTML 11Page - Microchip Technology PIC12F752 Datasheet HTML 12Page - Microchip Technology PIC12F752 Datasheet HTML 13Page - Microchip Technology PIC12F752 Datasheet HTML 14Page - Microchip Technology PIC12F752 Datasheet HTML 15Page - Microchip Technology PIC12F752 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 230 page
background image
PIC16F753/HV753
DS40001709C-page 12
 2013-2015 Microchip Technology Inc.
TABLE 2-2:
PIC16F753/HV753 SPECIAL REGISTERS SUMMARY BANK 1
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR/BOR
Values on
all other
Resets
Bank 1
80h
INDF
INDF<7:0>
xxxx xxxx
uuuu uuuu
81h
OPTION_REG
RAPU
INTEDG
T0CS
T0SE
PSA
PS<2:0>
1111 1111
1111 1111
82h
PCL
PCL<7:0>
0000 0000
0000 0000
83h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
000q quuu
84h
FSR
FSR
xxxx xxxx
uuuu uuuu
85h
TRISA
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
--11 1111
--11 1111
86h
—
Unimplemented
—
—
87h
TRISC
—
—
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
--11 1111
--11 1111
88h
IOCAP
—
—
IOCAP5
IOCAP4
IOCAP3
IOCAP2
IOCAP1
IOCAP0
--00 0000
--00 0000
89h
IOCCP
—
—
IOCCP5
IOCCP4
IOCCP3
IOCCP2
IOCCP1
IOCCP0
--00 0000
--00 0000
8Ah
PCLATH
—
—
—PCLATH<4:0>
---0 0000
---0 0000
8Bh
INTCON
GIE
PEIE
T0IE
INTE
IOCIE
T0IF
INTF
IOCIF
0000 0000
0000 0000
8Ch
PIE1
TMR1GIE
ADIE
—
—
HLTMR2IE
HLTMR1IE
TMR2IE
TMR1IE
00-- 0000
00-- 0000
8Dh
PIE2
—
—
C2IE
C1IE
—
COG1IE
—
CCP1IE
--00 -0-0
--00 -0-0
8Eh
—
Unimplemented
—
—
8Fh
OSCCON
—
—
IRCF<1:0>
—
HTS
LTS
—
--01 -00-
--uu -uu-
90h
FVR1CON0
FVREN
FVRRDY
FVROE
FVRBUFSS1
FVRBUFSS0
—
—
FVRBUFEN
0000 0--0
0000 0--0
91h
DAC1CON0
DACEN
DACFM
DACOE
—
DACPSS1
DACPSS0
—
—
000- 00--
000- 00--
92h
DAC1REFL
Least Significant bit of the left shifted result or eight bits of the right shifted DAC setting
0000 0000
0000 0000
93h
DAC1REFH
Most Significant eight bits of the left shifted DAC setting or first bit of the right shifted result
0000 0000
0000 0000
94h
—
Unimplemented
—
—
95h
—
Unimplemented
—
—
96h
OPA1CON
OPA1EN
—
—
OPA1UGM
OPA1NCH<1:0>
OPA1PCH<1:0>
0--0 0000
0--0 0000
97h
—
Unimplemented
—
—
98h
—
Unimplemented
—
—
99h
—
Unimplemented
—
—
9Ah
—
Unimplemented
—
—
9Bh
CM2CON0
C2ON
C2OUT
C2OE
C2POL
C2ZLF
C2SP
C2HYS
C2SYNC
0000 0100
0000 0100
9Ch
CM2CON1
C2INTP
C2INTN
C2PCH<2:0>
C2NCH<2:0>
0000 0000
0000 0000
9Dh
CM1CON0
C1ON
C1OUT
C1OE
C1POL
C1ZLF
C1SP
C1HYS
C1SYNC
0000 0100
0000 0100
9Eh
CM1CON1
C1INTP
C1INTN
C1PCH<2:0>
C1NCH<2:0>
0000 0000
0000 0000
9Fh
CMOUT
—
—
—
—
—
—
MCOUT2
MCOUT1
---- --00
---- --00
Legend:
— = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition shaded = unimplemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com