Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F752 Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC12F752
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 9Page - Microchip Technology PIC12F752 Datasheet HTML 10Page - Microchip Technology PIC12F752 Datasheet HTML 11Page - Microchip Technology PIC12F752 Datasheet HTML 12Page - Microchip Technology PIC12F752 Datasheet HTML 13Page - Microchip Technology PIC12F752 Datasheet HTML 14Page - Microchip Technology PIC12F752 Datasheet HTML 15Page - Microchip Technology PIC12F752 Datasheet HTML 16Page - Microchip Technology PIC12F752 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 13
PIC16F753/HV753
TABLE 2-3:
PIC16F753/HV753 SPECIAL REGISTERS SUMMARY BANK 2
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR/BOR
Value on
all other
Resets
Bank 2
100h
INDF
INDF<7:0>
xxxx xxxx
xxxx xxxx
101h
TMR0
TMR0<7:0>
xxxx xxxx
uuuu uuuu
102h
PCL
PCL<7:0>
0000 0000
0000 0000
103h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
000q quuu
104h
FSR
FSR<7:0>
xxxx xxxx
uuuu uuuu
105h
LATA
—
—LATA5
LATA4
—
LATA2
LATA1
LATA0
--xx -xxx
--uu -uuu
106h
—
Unimplemented
—
—
107h
LATC
—
—
LATC5
LATC4
LATC3
LATC2
LATC1
LATC0
--xx xxxx
--uu uuuu
108h
IOCAN
—
—
IOCAN5
IOCAN4
IOCAN3
IOCAN2
IOCAN1
IOCAN0
--00 0000
--00 0000
109h
IOCCN
—
—
IOCCN5
IOCCN4
IOCCN3
IOCCN2
IOCCN1
IOCCN0
--00 0000
--00 0000
10Ah
PCLATH
—
—
—PCLATH<4:0>
---0 0000
---0 0000
10Bh
INTCON
GIE
PEIE
T0IE
INTE
IOCIE
T0IF
INTF
IOCIF
0000 0000
0000 0000
10Ch WPUA
—
—
WPUA5
WPUA4
WPUA3
WPUA2
WPUA1
WPUA0
--11 1111
--11 1111
10Dh WPUC
—
—
WPUC5
WPUC4
WPUC3
WPUC2
WPUC1
WPUC0
--11 1111
--11 1111
10Eh
SLRCONC
—
—
SLRC5
SLRC4
—
—
—
—
--00 ----
--00 ----
10Fh
PCON
—
—
—
—
—
—POR
BOR
---- --qq
---- --uu
110h
TMR2
TMR2<7:0>
0000 0000
0000 0000
111h
PR2
PR2<7:0>
1111 1111
1111 1111
112h
T2CON
—
T2OUTPS<3:0>
TMR2ON
T2CKPS<1:0>
-000 0000
-000 0000
113h
HLTMR1
Holding Register for the 8-bit Hardware Limit Timer1 Count
0000 0000
0000 0000
114h
HLTPR1
HLTMR1 Module Period Register
1111 1111
1111 1111
115h
HLT1CON0
—
H1OUTPS<3:0>
H1ON
H1CKPS<1:0>
-000 0000
-000 0000
116h
HLT1CON1
H1FES
H1RES
—
H1ERS<2:0>
H1FEREN
H1REREN
11-0 0000
11-0 0000
117h
HLTMR2
Holding Register for the 8-bit Hardware Limit Timer2 Count
0000 0000
0000 0000
118h
HLTPR2
HLTMR2 Module Period Register
1111 1111
1111 1111
119h
HLT2CON0
—
H2OUTPS<3:0>
H2ON
H2CKPS<1:0>
-000 0000
-000 0000
11Ah
HLT2CON1
H2FES
H2RES
—
H2ERS<2:0>
H2FEREN
H2REREN
11-0 0000
11-0 0000
11Bh
—
Unimplemented
—
—
11Ch —
Unimplemented
—
—
11Dh —
Unimplemented
—
—
11Eh
SLPCCON0
SC1EN
—
—
SC1POL
SC1TSS<1:0>
—SC1INS
0-00 00-0
0-00 00-0
11Fh
SLPCCON1
—
—
—
SC1RNG
SC1ISET<3:0>
---0 0000
---0 0000
Legend:
— = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition shaded = unimplemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com