Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F752 Datasheet(PDF) 14 Page - Microchip Technology

Part # PIC12F752
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 14 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 10Page - Microchip Technology PIC12F752 Datasheet HTML 11Page - Microchip Technology PIC12F752 Datasheet HTML 12Page - Microchip Technology PIC12F752 Datasheet HTML 13Page - Microchip Technology PIC12F752 Datasheet HTML 14Page - Microchip Technology PIC12F752 Datasheet HTML 15Page - Microchip Technology PIC12F752 Datasheet HTML 16Page - Microchip Technology PIC12F752 Datasheet HTML 17Page - Microchip Technology PIC12F752 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 230 page
background image
PIC16F753/HV753
DS40001709C-page 14
 2013-2015 Microchip Technology Inc.
TABLE 2-4:
PIC16F753/HV753 SPECIAL FUNCTION REGISTERS SUMMARY BANK 3
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR/BOR
Values on
all other
Resets
Bank 3
180h
INDF
INDF<7:0>
xxxx xxxx
uuuu uuuu
181h
OPTION_REG
RAPU
INTEDG
T0CS
T0SE
PSA
PS<2:0>
1111 1111
1111 1111
182h
PCL
PCL<7:0>
0000 0000
0000 0000
183h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
000q quuu
184h
FSR
FSR<7:0>
xxxx xxxx
uuuu uuuu
185h
ANSELA
—
—
—ANSA4
—
ANSA2
ANSA1
ANSA0
---1 -111
---1 -111
186h
—
Unimplemented
—
—
187h
ANSELC
—
—
—
—
ANSC3
ANSC2
ANSC1
ANSC0
---- 0000
---- 0000
188h
APFCON
—
—
—
T1GSEL
—
—
—
—
---0 ----
---0 ----
189h
OSCTUNE
—
—
—
TUN<4:0>
---0 0000
---0 0000
18Ah
PCLATH
—
—
—
PCLATH<4:0>
---0 0000
---0 0000
18Bh
INTCON
GIE
PEIE
T0IE
INTE
IOCIE
T0IF
INTF
IOCIF
0000 0000
0000 0000
18Ch
PMCON1
—
—
—
—
—WREN
WR
RD
---- -000
---- -000
18Dh
PMCON2
Program Memory Control Register 2
---- ----
---- ----
18Eh
PMADRL
PMADRL<7:0>
0000 0000
0000 0000
18Fh
PMADRH
—
—
—
—
—
—
PMADRH<1:0>
---- --00
---- --00
190h
PMDATL
PMDATL<7:0>
0000 0000
0000 0000
191h
PMDATH
—
—PMDATH<5:0>
--00 0000
--00 0000
192h
COG1PHR
—
—
—
—
G1PHR<3:0>
---- xxxx
---- uuuu
193h
COG1PHF
—
—
—
—G1PHF<3:0>
---- xxxx
---- uuuu
194h
COG1BKR
—
—
—
—
G1BKR<3:0>
---- xxxx
---- uuuu
195h
COG1BKF
—
—
—
—
G1BKF<3:0>
---- xxxx
---- uuuu
196h
COG1DBR
—
—
—
—G1DBR<3:0>
---- xxxx
---- uuuu
197h
COG1DBF
—
—
—
—G1DBF<3:0>
---- xxxx
---- uuuu
198h
COG1CON0
G1EN
G1OE1
G1OE0
G1POL1
G1POL0
G1LD
—
G1MD
0000 00-0
0000 00-0
199h
COG1CON1
G1RDBTS
G1FDBTS
—
—
—
—
G1CS<1:0>
00-- --00
00-- --00
19Ah COG1RIS
—
G1RIHLT2
G1RIHLT1
G1RIT2M
G1RIFLT
G1RICCP1
G1RIC2
G1RIC1
0000 0000
0000 0000
19Bh COG1RSIM
—
G1RMHLT2
G1RMHLT1
G1RMT2M
G1RMFLT
G1RMCCP1
G1RMC2
G1RMC1
0000 0000
0000 0000
19Ch COG1FIS
—
G1FIHLT2
G1FIHLT1
G1FIT2M
G1FIFLT
G1FICCP1
G1FIC2
G1FIC1
0000 0000
0000 0000
19Dh COG1FSIM
—
G1FMHLT2
G1FMHLT1
G1FMT2M
G1FMFLT
G1FMCCP1
G1FMC2
G1FMC1
0000 0000
0000 0000
19Eh COG1ASD0
C1ASDE
C1ARSEN
G1ASD1L<1:0>
G1ASD0L<1:0>
—
—
0000 00--
0000 00--
19Fh
COG1ASD1
—
—
—
G1ASDSHLT2
G1ASDSHLT1
G1ASDSC2
G1ASDSC1
G1ASDSFLT
0000 0000
0000 0000
Legend:
— = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition shaded = unimplemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com