Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F752 Datasheet(PDF) 73 Page - Microchip Technology

Part # PIC12F752
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 73 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 69Page - Microchip Technology PIC12F752 Datasheet HTML 70Page - Microchip Technology PIC12F752 Datasheet HTML 71Page - Microchip Technology PIC12F752 Datasheet HTML 72Page - Microchip Technology PIC12F752 Datasheet HTML 73Page - Microchip Technology PIC12F752 Datasheet HTML 74Page - Microchip Technology PIC12F752 Datasheet HTML 75Page - Microchip Technology PIC12F752 Datasheet HTML 76Page - Microchip Technology PIC12F752 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 73
PIC16F753/HV753
TABLE 9-1:
SUMMARY OF REGISTERS ASSOCIATED WITH HLT
REGISTER 9-2:
HLTxCON1: HLTx CONTROL REGISTER 1
R/W-0/0
R/W-0/0
U-0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
HxFES
HxRES
—
HxERS<2:0>
HxFEREN
HxREREN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
HxFES: Hardware Limit Timerx Falling Edge Sensitivity bit
1
= Edge sensitive
0
= Level sensitive
bit 6
HxRES: Hardware Limit Timerx Rising Edge Sensitivity bit
1
= Edge sensitive
0
= Level sensitive
bit 5
Unimplemented: Read as ‘0’
bit 4-2
HxERS<2:0>: Hardware Limit Timerx External Reset Source Select bits
000
=
CCP1 Out
001
=C1OUT
010
=C2OUT
011
=
COG1FLT
100
=
COG1OUT0
101
=
COG1OUT1
110
=
Reserved - ‘0’ input
111
=
Reserved - ‘0’ input
bit 1
HxFEREN: Hardware Limit Timerx Falling Event Reset Enable bit
1
= HLTMRx will reset on the first clock after a falling event of selected Reset source
0
= Falling events of selected source have no effect
bit 0
HxREREN: Hardware Limit Timerx Rising Event Reset Enable bit
1
= HLTMRx will reset on the first clock after a rising event of selected Reset source
0
= Rising events of selected source have no effect
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CCP1CON
—
—
DC1B<1:0>
CCP1M<3:0>
80
CM1CON0
C1ON
C1OUT
C1OE
C1POL
C1ZLF
C1SP
C1HYS
C1SYNC
129
CM1CON1
C1INTP
C1INTN
C1PCH<2:0>
C1NCH<2:0>
130
CM2CON0
C2ON
C2OUT
C2OE
C2POL
C2ZLF
C2SP
C2HYS
C2SYNC
129
CM2CON1
C2INTP
C2INTN
C2PCH<2:0>
C2NCH<2:0>
130
INTCON
GIE
PEIE
T0IE
INTE
IOCIE
T0IF
INTF
IOCIF
17
PIE1
TMR1GIE
ADIE
—
—
HLTMR2IE HLTMR1IE
TMR2IE
TMR1IE
18
PIR1
TMR1GIF
ADIF
—
—
HLTMR2IF
HLTMR1IF
TMR2IF
TMR1IF
20
HLTMRx
Holding Register for the 8-bit Hardware Limit TimerX Count
70*
HLTPRx
HLTMRx Module Period Register
70*
HLTxCON0
—
HxOUTPS<3:0>
HxON
HxCKPS<1:0>
72
HLTxCON1
HxFES
HxRES
—
HxERS<2:0>
HxFEREN
HxREREN
73
Legend:
— = unimplemented location, read as ‘0’. Shaded cells do not affect the HLT module operation.
*
Page provides register information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com