Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F752 Datasheet(PDF) 135 Page - Microchip Technology

Part # PIC12F752
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 135 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 131Page - Microchip Technology PIC12F752 Datasheet HTML 132Page - Microchip Technology PIC12F752 Datasheet HTML 133Page - Microchip Technology PIC12F752 Datasheet HTML 134Page - Microchip Technology PIC12F752 Datasheet HTML 135Page - Microchip Technology PIC12F752 Datasheet HTML 136Page - Microchip Technology PIC12F752 Datasheet HTML 137Page - Microchip Technology PIC12F752 Datasheet HTML 138Page - Microchip Technology PIC12F752 Datasheet HTML 139Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 135
PIC16F753/HV753
17.0
SLOPE COMPENSATION (SC)
MODULE
The Slope Compensation (SC) module is designed to
provide the necessary slope compensation for fixed
frequency, continuous current, and current mode
switched power supplies. Slope compensation is a
necessary feature of these power supplies because it
prevents frequency instabilities at duty cycles greater
than 50%.
17.1
Theory of Operation
The SC module works by quickly discharging an internal
capacitor at the beginning of each PWM period. An
internal current sink charges this capacitor at a program-
mable rate. As the capacitor charges, the capacitor volt-
age is subtracted from the reference voltage, producing
a linear voltage decay at the required rate. The current
reference voltage can be supplied by either an I/O pin or
by the buffered output of the FVR peripheral. The FVR
module provides either a fixed voltage or a programma-
ble DAC output. The Reset source can be derived from
either the COG output or the synchronized output of
either comparator. Additionally, the Reset source can be
inverted before triggering the Reset. The slope voltage
can be sent to either comparator or the op amp.
The core of the SC module is:
• an on-chip capacitor in series with the voltage
source,
• a shorting switch across the capacitor, and
• a calibrated current sink.
A one-shot pulse generator ensures that the switch is
closed long enough to completely discharge the
capacitor. This typically takes 50 ns.
FIGURE 17-1:
SIMPLIFIED SC MODULE BLOCK DIAGRAM
1
0
0
1
One Shot
SCxISET * 0.75/15 + 0.2V/µS
SCxISET + 1.0V/µS
00
11
10
01
SLPCIN
SCxINS
FVR_buffer1
SCxPOL
COG1_output0
COG1_output1
C1OUT_sync
C2OUT_sync
SCxTSS<1:0>
SCxISET<3:0>
SLOPE_output
SCxRNG
to
peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com