Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ256GA705-I/M4. Datasheet(PDF) 205 Page - Microchip Technology

Part # PIC24FJ256GA705-I/M4.
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256GA705-I/M4. Datasheet(HTML) 205 Page - Microchip Technology

Back Button PIC24FJ256GA705-I/M4. Datasheet HTML 201Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 202Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 203Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 204Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 205Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 206Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 207Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 208Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 209Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 412 page
background image
 2016 Microchip Technology Inc.
DS30010118B-page 205
PIC24FJ256GA705 FAMILY
bit 8
CKE:
SPIx Clock Edge Select bit(1)
1
= Transmit happens on transition from active clock state to Idle clock state
0
= Transmit happens on transition from Idle clock state to active clock state
bit 7
SSEN:
Slave Select Enable bit (Slave mode)(2)
1
= SSx pin is used by the macro in Slave mode; SSx pin is used as the slave select input
0
= SSx pin is not used by the macro (SSx pin will be controlled by the port I/O)
bit 6
CKP:
SPIx Clock Polarity Select bit
1
= Idle state for clock is a high level; active state is a low level
0
= Idle state for clock is a low level; active state is a high level
bit 5
MSTEN:
Master Mode Enable bit
1
= Master mode
0
= Slave mode
bit 4
DISSDI:
Disable SDIx Input Port bit
1
= SDIx pin is not used by the module; pin is controlled by the port function
0
= SDIx pin is controlled by the module
bit 3
DISSCK:
Disable SCKx Output Port bit
1
= SCKx pin is not used by the module; pin is controlled by the port function
0
= SCKx pin is controlled by the module
bit 2
MCLKEN:
Master Clock Enable bit(3)
1
= MCLK is used by the BRG
0
= PBCLK is used by the BRG
bit 1
SPIFE:
Frame Sync Pulse Edge Select bit
1
= Frame Sync pulse (Idle-to-active edge) coincides with the first bit clock
0
= Frame Sync pulse (Idle-to-active edge) precedes the first bit clock
bit 0
ENHBUF:
Enhanced Buffer Mode Enable bit
1
= Enhanced Buffer mode is enabled
0
= Enhanced Buffer mode is disabled
REGISTER 17-1:
SPIxCON1L: SPIx CONTROL REGISTER 1 LOW (CONTINUED)
Note 1:
When AUDEN = 1, this module functions as if CKE = 0, regardless of its actual value.
2:
When FRMEN = 1, SSEN is not used.
3:
MCLKEN can only be written when the SPIEN bit = 0.
4:
This channel is not meaningful for DSP/PCM mode as LRC follows the FRMSYPW bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com