Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ256GA705-I/M4. Datasheet(PDF) 208 Page - Microchip Technology

Part # PIC24FJ256GA705-I/M4.
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256GA705-I/M4. Datasheet(HTML) 208 Page - Microchip Technology

Back Button PIC24FJ256GA705-I/M4. Datasheet HTML 204Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 205Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 206Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 207Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 208Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 209Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 210Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 211Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 212Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 412 page
background image
PIC24FJ256GA705 FAMILY
DS30010118B-page 208
 2016 Microchip Technology Inc.
REGISTER 17-3:
SPIxCON2L: SPIx CONTROL REGISTER 2 LOW
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
WLENGTH<4:0>(1,2)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-5
Unimplemented:
Read as ‘0’
bit 4-0
WLENGTH<4:0>:
Variable Word Length bits(1,2)
11111
= 32-bit data
11110
= 31-bit data
11101
= 30-bit data
11100
= 29-bit data
11011
= 28-bit data
11010
= 27-bit data
11001
= 26-bit data
11000
= 25-bit data
10111
= 24-bit data
10110
= 23-bit data
10101
= 22-bit data
10100
= 21-bit data
10011
= 20-bit data
10010
= 19-bit data
10001
= 18-bit data
10000
= 17-bit data
01111
= 16-bit data
01110
= 15-bit data
01101
= 14-bit data
01100
= 13-bit data
01011
= 12-bit data
01010
= 11-bit data
01001
= 10-bit data
01000
= 9-bit data
00111
= 8-bit data
00110
= 7-bit data
00101
= 6-bit data
00100
= 5-bit data
00011
= 4-bit data
00010
= 3-bit data
00001
= 2-bit data
00000
= See MODE<32,16> bits in SPIxCON1L<11:10>
Note 1:
These bits are effective when AUDEN = 0 only.
2:
Varying the length by changing these bits does not affect the depth of the TX/RX FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com