Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ256GA705-I/M4. Datasheet(PDF) 207 Page - Microchip Technology

Part # PIC24FJ256GA705-I/M4.
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256GA705-I/M4. Datasheet(HTML) 207 Page - Microchip Technology

Back Button PIC24FJ256GA705-I/M4. Datasheet HTML 203Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 204Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 205Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 206Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 207Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 208Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 209Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 210Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 211Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 412 page
background image
 2016 Microchip Technology Inc.
DS30010118B-page 207
PIC24FJ256GA705 FAMILY
bit 6
FRMSYNC:
Frame Sync Pulse Direction Control bit
1
= Frame Sync pulse input (slave)
0
= Frame Sync pulse output (master)
bit 5
FRMPOL:
Frame Sync/Slave Select Polarity bit
1
= Frame Sync pulse/slave select is active-high
0
= Frame Sync pulse/slave select is active-low
bit 4
MSSEN:
Master Mode Slave Select Enable bit
1
= SPIx slave select support is enabled with polarity determined by FRMPOL (SSx pin is automatically
driven during transmission in Master mode)
0
= SPIx slave select support is disabled (SSx pin will be controlled by port IO)
bit 3
FRMSYPW:
Frame Sync Pulse-Width bit
1
= Frame Sync pulse is one serial word length wide (as defined by MODE<32,16>/WLENGTH<4:0>)
0
= Frame Sync pulse is one clock (SCK) wide
bit 2-0
FRMCNT<2:0>:
Frame Sync Pulse Counter bits
Controls the number of serial words transmitted per Sync pulse.
111
= Reserved
110
= Reserved
101
= Generates a Frame Sync pulse on every 32 serial words
100
= Generates a Frame Sync pulse on every 16 serial words
011
= Generates a Frame Sync pulse on every 8 serial words
010
= Generates a Frame Sync pulse on every 4 serial words
001
= Generates a Frame Sync pulse on every 2 serial words (value used by audio protocols)
000
= Generates a Frame Sync pulse on each serial word
REGISTER 17-2:
SPIxCON1H: SPIx CONTROL REGISTER 1 HIGH (CONTINUED)
Note 1:
AUDEN can only be written when the SPIEN bit = 0.
2:
AUDMONO can only be written when the SPIEN bit = 0 and is only valid for AUDEN = 1.
3:
URDTEN is only valid when IGNTUR = 1.
4:
AUDMOD<1:0> bits can only be written when the SPIEN bit = 0 and are only valid when AUDEN = 1.
When NOT in PCM/DSP mode, this module functions as if FRMSYPW = 1, regardless of its actual value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com