Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ256GA705-I/M4. Datasheet(PDF) 242 Page - Microchip Technology

Part # PIC24FJ256GA705-I/M4.
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256GA705-I/M4. Datasheet(HTML) 242 Page - Microchip Technology

Back Button PIC24FJ256GA705-I/M4. Datasheet HTML 238Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 239Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 240Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 241Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 242Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 243Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 244Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 245Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 246Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 412 page
background image
PIC24FJ256GA705 FAMILY
DS30010118B-page 242
 2016 Microchip Technology Inc.
REGISTER 20-1:
PMCON1: EPMP CONTROL REGISTER 1
R/W-0
U-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
PMPEN
—
PSIDL
ADRMUX1
ADRMUX0
—MODE1
MODE0
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
CSF1
CSF0
ALP
ALMODE
—
BUSKEEP
IRQM1
IRQM0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
PMPEN:
Parallel Master Port Enable bit
1
= EPMP is enabled
0
= EPMP is disabled
bit 14
Unimplemented:
Read as ‘0’
bit 13
PSIDL:
Parallel Master Port Stop in Idle Mode bit
1
= Discontinues module operation when device enters Idle mode
0
= Continues module operation in Idle mode
bit 12-11
ADRMUX<1:0>:
Address/Data Multiplexing Selection bits
11
= Lower address bits are multiplexed with data bits using 3 address phases
10
= Lower address bits are multiplexed with data bits using 2 address phases
01
= Lower address bits are multiplexed with data bits using 1 address phase
00
= Address and data appear on separate pins
bit 10
Unimplemented:
Read as ‘0’
bit 9-8
MODE<1:0>:
Parallel Port Mode Select bits
11
= Master mode
10
= Enhanced PSP; pins used are PMRD, PMWR, PMCS, PMD<7:0> and PMA<1:0>
01
= Buffered PSP; pins used are PMRD, PMWR, PMCS and PMD<7:0>
00
= Legacy Parallel Slave Port; pins used are PMRD, PMWR, PMCS and PMD<7:0>
bit 7-6
CSF<1:0>:
Chip Select Function bits
11
= Reserved
10
= PMA14 is used for Chip Select 1
01
= Reserved
00
= PMCS2 is used for Chip Select 2, PMCS1 is used for Chip Select 1
bit 5
ALP:
Address Latch Polarity bit
1
= Active-high (PMALL, PMALH and PMALU)
0
= Active-low (PMALL, PMALH and PMALU)
bit 4
ALMODE:
Address Latch Strobe Mode bit
1
= Enables “smart” address strobes (each address phase is only present if the current access would
cause a different address in the latch than the previous address)
0
= Disables “smart” address strobes
bit 3
Unimplemented:
Read as ‘0’
bit 2
BUSKEEP:
Bus Keeper bit
1
= Data bus keeps its last value when not actively being driven
0
= Data bus is in a high-impedance state when not actively being driven
bit 1-0
IRQM<1:0>:
Interrupt Request Mode bits
11
= Interrupt is generated when Read Buffer 3 is read or Write Buffer 3 is written (Buffered PSP mode),
or on a read or write operation when PMA<1:0> = 11 (Addressable PSP mode only)
10
= Reserved
01
= Interrupt is generated at the end of a read/write cycle
00
= No interrupt is generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com