Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ256GA705-I/M4. Datasheet(PDF) 244 Page - Microchip Technology

Part # PIC24FJ256GA705-I/M4.
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256GA705-I/M4. Datasheet(HTML) 244 Page - Microchip Technology

Back Button PIC24FJ256GA705-I/M4. Datasheet HTML 240Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 241Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 242Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 243Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 244Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 245Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 246Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 247Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 248Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 412 page
background image
PIC24FJ256GA705 FAMILY
DS30010118B-page 244
 2016 Microchip Technology Inc.
REGISTER 20-3:
PMCON3: EPMP CONTROL REGISTER 3
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
PTWREN
PTRDEN
PTBE1EN
PTBE0EN
—
AWAITM1
AWAITM0
AWAITE
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
PTWREN:
Write/Enable Strobe Port Enable bit
1
= PMWR/PMENB port is enabled
0
= PMWR/PMENB port is disabled
bit 14
PTRDEN:
Read/Write Strobe Port Enable bit
1
= PMRD/PMWR port is enabled
0
= PMRD/PMWR port is disabled
bit 13
PTBE1EN:
High Nibble/Byte Enable Port Enable bit
1
= PMBE1 port is enabled
0
= PMBE1 port is disabled
bit 12
PTBE0EN:
Low Nibble/Byte Enable Port Enable bit
1
= PMBE0 port is enabled
0
= PMBE0 port is disabled
bit 11
Unimplemented:
Read as ‘0’
bit 10-9
AWAITM<1:0>:
Address Latch Strobe Wait State bits
11
= Wait of 3½ TCY
10
= Wait of 2½ TCY
01
= Wait of 1½ TCY
00
= Wait of ½ TCY
bit 8
AWAITE:
Address Hold After Address Latch Strobe Wait State bits
1
= Wait of 1¼ TCY
0
= Wait of ¼ TCY
bit 7-0
Unimplemented:
Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com