Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ256GA705-I/M4. Datasheet(PDF) 246 Page - Microchip Technology

Part # PIC24FJ256GA705-I/M4.
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256GA705-I/M4. Datasheet(HTML) 246 Page - Microchip Technology

Back Button PIC24FJ256GA705-I/M4. Datasheet HTML 242Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 243Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 244Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 245Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 246Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 247Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 248Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 249Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 250Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 412 page
background image
PIC24FJ256GA705 FAMILY
DS30010118B-page 246
 2016 Microchip Technology Inc.
REGISTER 20-5:
PMCSxCF: EPMP CHIP SELECT x CONFIGURATION REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
CSDIS
CSP
CSPTEN
BEP
—
WRSP
RDSP
SM
bit 15
bit 8
R/W-0
R/W-0
R/W-0
U-0
U-0
U-0
U-0
U-0
ACKP
PTSZ1
PTSZ0
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
CSDIS:
Chip Select x Disable bit
1
= Disables the Chip Select x functionality
0
= Enables the Chip Select x functionality
bit 14
CSP:
Chip Select x Polarity bit
1
= Active-high (PMCSx)
0
=Active-low (PMCSx)
bit 13
CSPTEN:
PMCSx Port Enable bit
1
= PMCSx port is enabled
0
= PMCSx port is disabled
bit 12
BEP:
Chip Select x Nibble/Byte Enable Polarity bit
1
= Nibble/byte enable is active-high (PMBE0, PMBE1)
0
= Nibble/byte enable is active-low (PMBE0, PMBE1)
bit 11
Unimplemented:
Read as ‘0’
bit 10
WRSP:
Chip Select x Write Strobe Polarity bit
For Slave modes and Master mode when SM = 0:
1
= Write strobe is active-high (PMWR)
0
= Write strobe is active-low (PMWR)
For Master mode when SM = 1:
1
= Enable strobe is active-high (PMENB)
0
= Enable strobe is active-low (PMENB)
bit 9
RDSP:
Chip Select x Read Strobe Polarity bit
For Slave modes and Master mode when SM = 0:
1
= Read strobe is active-high (PMRD)
0
= Read strobe is active-low (PMRD)
For Master mode when SM = 1:
1
= Read/write strobe is active-high (PMRD/PMWR)
0
= Read/write strobe is active-low (PMRD/PMWR)
bit 8
SM:
Chip Select x Strobe Mode bit
1
= Reads/writes and enables strobes (PMRD/PMWR and PMENB)
0
= Reads and writes strobes (PMRD and PMWR)
bit 7
ACKP:
Chip Select x Acknowledge Polarity bit
1
= ACK is active-high (PMACK1)
0
= ACK is active-low (PMACK1)
bit 6-5
PTSZ<1:0>:
Chip Select x Port Size bits
11
=Reserved
10
=Reserved
01
= 4-bit port size (PMD<3:0>)
00
= 8-bit port size (PMD<7:0>)
bit 4-0
Unimplemented:
Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com