Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9502 Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC9502
Description  2ch. Step-up / down DC/DC Controller ICs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9502 Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC9502 Datasheet HTML 5Page - Torex Semiconductor XC9502 Datasheet HTML 6Page - Torex Semiconductor XC9502 Datasheet HTML 7Page - Torex Semiconductor XC9502 Datasheet HTML 8Page - Torex Semiconductor XC9502 Datasheet HTML 9Page - Torex Semiconductor XC9502 Datasheet HTML 10Page - Torex Semiconductor XC9502 Datasheet HTML 11Page - Torex Semiconductor XC9502 Datasheet HTML 12Page - Torex Semiconductor XC9502 Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
9/43
XC9502
Series
■TEST CIRCUITS
510
Ω
2200pF
L1
NPN
Tr1
RFB11
RFB12
CL1
VOUT1
510
Ω
2200pF
L2
PNP
Tr2
RFB21
RFB22
RL2
CL2
VOUT2
VIN
1
μF
1 EXT1
2 VDD
3 FB1
FB2 8
GND 9
EXT2 10
4 PWM1
PWM2 7
5 EN1
EN2 6
Circuit 1
Circuit 2
Circuit 3
SBD1
SBD2
Circuit 4
Circuit 5
L1
Nch
MOSFET1
200k
Ω
75k
Ω
62pF
RL
VIN
CL1
VOUT1
CIN
A
OSC
1 EXT1
2 VDD
3 FB1
FB2 8
GND 9
EXT2 10
4 PWM1
PWM2 7
5 EN1
EN2 6
Circuit 6
Circuit 7
Circuit 8
Pch
MOSFET2
L2
RL
V
VIN
VOUT2
A
A
CIN
1 EXT1
2 VDD
3 FB1
FB2 8
GND 9
EXT2 10
4 PWM1
PWM2 7
5 EN1
EN2 6
CL2
OSC
VPWM1
VEN1
A
1
μF
VDD
OSC
A
A
VPWM2
A
A
VEN2
1 EXT1
2 VDD
3 FB1
FB2 8
GND 9
EXT2 10
4 PWM1
PWM2 7
5 EN1
EN2 6
VFB1
A
VFB2
A
L1
RL
VIN
VOUT1
CIN
CL1
Nch
MOSFET1
VDD
1
μF
1 EXT1
2 VDD
3 FB1
FB2 8
GND 9
EXT2 10
4 PWM1
PWM2 7
5 EN1
EN2 6
VPWM1
VEN1
1
μF
VDD
OSC
VPWM2
VEN2
1 EXT1
2 VDD
3 FB1
FB2 8
GND 9
EXT2 10
4 PWM1
PWM2 7
5 EN1
EN2 6
VFB1
VFB2
VEXT1
VEXT2
V
VPWM1
VEN1
Rp
SBD1
SBD1
SBD2
CIN
CFB1
CFB2
510
Ω
2200pF
L1
NPN
Tr1
RFB11
RFB12
CL1
VOUT1
510
Ω
2200pF
L2
PNP
Tr2
RFB21
RFB22
RL2
CL2
VOUT2
VIN
1 EXT1
2 VDD
3 FB1
FB2 8
GND 9
EXT2 10
4 PWM1
PWM2 7
5 EN1
EN2 6
SBD1
SBD2
CIN
CFB1
CFB2
V
A
A
Pch
MOSFET2
L2
RL
V
VIN
VOUT2
A
A
CIN
1 EXT1
2 VDD
3 FB1
FB2 8
GND 9
EXT2 10
4 PWM1
PWM2 7
5 EN1
EN2 6
SBD2
200k
Ω
75k
Ω
CL2
62pF
Circuit ①
Circuit ⑤
Circuit ②
Circuit ③
Circuit ④
Circuit ⑧
Circuit ⑦
Circuit ⑥



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com