Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9502 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC9502
Description  2ch. Step-up / down DC/DC Controller ICs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9502 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC9502 Datasheet HTML 15Page - Torex Semiconductor XC9502 Datasheet HTML 16Page - Torex Semiconductor XC9502 Datasheet HTML 17Page - Torex Semiconductor XC9502 Datasheet HTML 18Page - Torex Semiconductor XC9502 Datasheet HTML 19Page - Torex Semiconductor XC9502 Datasheet HTML 20Page - Torex Semiconductor XC9502 Datasheet HTML 21Page - Torex Semiconductor XC9502 Datasheet HTML 22Page - Torex Semiconductor XC9502 Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
19/43
XC9502
Series
FOSC=300kHz, VOUT2=1.8V
1.5
1.6
1.7
1.8
1.9
2.0
0.1
1
10
100
1000
Output Current2 IOUT2 (mA)
PWM Control
L2=22μH(CDRH5D28), CL2=94μF(Tantalum)
SD2:CMS02, Tr2:XP162A12A6P
VIN= 2.7V 3.3V 4.2V
5.0V 6.0V 8.0V 10V
FOSC=300kHz, VOUT2=1.8V
1.5
1.6
1.7
1.8
1.9
2.0
0.1
1
10
100
1000
Output Current2 IOUT2 (mA)
PWM/PFM Switching Control
L2=22μH(CDRH5D28), CL2=94μF(Tantalum)
SD2:CMS02, Tr2:XP162A12A6P
VIN= 2.7V 3.3V 4.2V 5.0V
6.0V 8.0V 10V
FOSC=300kHz, VOUT2=2.5V
2.2
2.3
2.4
2.5
2.6
2.7
0.1
1
10
100
1000
Output Current2 IOUT2 (mA)
PWM Control
L2=22μH(CDRH5D28), CL2=94μF(Tantalum)
SD2:CMS02, Tr2:XP162A12A6P
10.0V
VIN= 2.7V 3.3V 4.2V
5.0V 6.0V 8.0V
FOSC=300kHz, VOUT2=2.5V
2.2
2.3
2.4
2.5
2.6
2.7
0.1
1
10
100
1000
Output Current2 IOUT2 (mA)
PWM/PFM Switching Control
L2=22μH(CDRH5D28), CL2=94μF(Tantalum)
SD2:CMS02, Tr2:XP162A12A6P
10V
3.3V 4.2V 5.0V 6.0V
8.0V
VIN=2.7V
FOSC=300kHz, VOUT2=3.3V
3.0
3.1
3.2
3.3
3.4
3.5
0.1
1
10
100
1000
Output Current2 IOUT2 (mA)
PWM Control
L2=22μH(CDRH5D28), CL2=94μF(Tantalum)
SD2:CMS02, Tr2:XP162A12A6P
10.0V
VIN=4.2V 5.0V 6.0V 8.0V
FOSC=300kHz, VOUT2=3.3V
3.0
3.1
3.2
3.3
3.4
3.5
0.1
1
10
100
1000
Output Current2 IOUT2 (mA)
PWM/PFM Switching Control
L2=22μH(CDRH5D28), CL2=94μF(Tantalum)
SD2:CMS02, Tr2:XP162A12A6P
10.0V
VIN=4.2V 5.0V 6.0V 8.0V
< 2ch Step-Down DC/DC Controller >
(4) Output Voltage vs. Output Current (Continued)
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com