Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9502 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC9502
Description  2ch. Step-up / down DC/DC Controller ICs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9502 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC9502 Datasheet HTML 1Page - Torex Semiconductor XC9502 Datasheet HTML 2Page - Torex Semiconductor XC9502 Datasheet HTML 3Page - Torex Semiconductor XC9502 Datasheet HTML 4Page - Torex Semiconductor XC9502 Datasheet HTML 5Page - Torex Semiconductor XC9502 Datasheet HTML 6Page - Torex Semiconductor XC9502 Datasheet HTML 7Page - Torex Semiconductor XC9502 Datasheet HTML 8Page - Torex Semiconductor XC9502 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
1/43
XC9502 Series
2ch.Step-Up/Down DC/DC Controller ICs
■ GENERAL DESCRIPTION
XC9502 series is PWM controlled, PWM/PFM automatic switching controlled, multi-functional, 2 channel step-up and down
DC/DC controller ICs. With 0.9V of standard voltage supply internal, and using externally connected components, the output
1 voltage (step-up DC/DC controller) can be set freely within a range of 1.5V to 30V. Since the output 2 (step-down DC/DC
controller) has a built-in 0.9V reference voltage (accuracy ±2%), 0.9V to 6.0V can be set using external components. With
a 180kHz frequency, the size of the external components can be reduced. Switching frequencies of 300kHz and 500kHz are
also available as custom-designed products. The control of the XC9502 series can be switched between PWM control and
PWM/PFM automatic switching control using external signals. Control switches from PWM to PFM during light loads when
automatic switching is selected and the series is highly efficient from light loads through to large output currents. Noise is
easily reduced with PWM control since the frequency is fixed. The series gives freedom of control selection so that control
suited to the application can be selected. Soft-start time is internally set to 10msec (Output1) and offers protection against
in-rush currents when the power is switched. This also prevents voltage overshoot.
■APPLICATIONS
●PDAs
●Palmtop computers
●Portable audio
●Various power supplies
■TYPICAL APPLICATION CIRCUIT
■FEATURES
2ch DC/DC Controller
<Output 1: Step-Up DC/DC Controller>
Output Voltage Range
Output Current
Maximum Duty Cycle
High Efficiency
: 1.5V ~ 30V (set by FB1 pin)
: More than 300mA
(VIN=1.8V,VOUT=3.3V)
: 80% (TYP.)
: 83% (TYP.)
<Output 2: Step-Down DC/DC Controller>
Output Voltage Range
Output Current
Maximu Duty Cycle
High Efficiency
: 0.9V ~ 6.0V (set by FB2 pin)
: ≦1000mA (VIN=3.3V, VOUT=1.8V)
: 100% (TYP.)
: 92% (TYP.)
<Common>
Supply Voltage Range
Input Voltage Range
Oscillation Frequency
Control Method
Stand-by Function
Soft-Start Time
Package
: 2.0V ~ 10.0V
: 0.9V ~ 10.0V
: 180kHz (±15%)
* 300kHz, 500kHz custom
: PWM or PWM/PFM selectable
: 3.0μF (MAX.)
: 10ms (internally set)
: MSOP-10, USP-10
<XC9502B092A Input : 2 cell, VOUT①: 3.3V, VOUT②: 1.8V >
■TYPICAL PERFORMANCE
CHARACTERISTICS
☆GO-Compatible
ETR0702_001


Similar Part No. - XC9502

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
2ch. Step-up / down DC/DC Controller ICs
XC9502B092AL TOREX-XC9502B092AL Datasheet
631Kb / 40P
2ch. Step-up / down DC/DC Controller ICs
XC9502B092AR TOREX-XC9502B092AR Datasheet
631Kb / 40P
2ch. Step-up / down DC/DC Controller ICs
XC9502B093AL TOREX-XC9502B093AL Datasheet
631Kb / 40P
2ch. Step-up / down DC/DC Controller ICs
XC9502B093AR TOREX-XC9502B093AR Datasheet
631Kb / 40P
2ch. Step-up / down DC/DC Controller ICs
More results

Similar Description - XC9502

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
2ch. Step-up / down DC/DC Controller ICs
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
Synchronous Step-Down DC / DC Controller ICs
XC9501 TOREX-XC9501 Datasheet
381Kb / 24P
2ch. Step-up DC/DC Controller ICs.
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
2ch. Step-up / Inverting DC/DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
Step-Up & Down DC / DC Controller ICs
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
2ch. Step-Down / Inverting DC/DC Controller ICs
XC9503 TOREX-XC9503 Datasheet
398Kb / 30P
2ch Step-down DC/DC Controller ICs
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
Synchronous Step-Down DC / DC Controller ICs
XC9303 TOREX-XC9303_1 Datasheet
908Kb / 20P
High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
XC9303B093KR-G TOREX-XC9303B093KR-G Datasheet
695Kb / 20P
High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com