Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9502 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC9502
Description  2ch. Step-up / down DC/DC Controller ICs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9502 Datasheet(HTML) 5 Page - Torex Semiconductor

  XC9502 Datasheet HTML 1Page - Torex Semiconductor XC9502 Datasheet HTML 2Page - Torex Semiconductor XC9502 Datasheet HTML 3Page - Torex Semiconductor XC9502 Datasheet HTML 4Page - Torex Semiconductor XC9502 Datasheet HTML 5Page - Torex Semiconductor XC9502 Datasheet HTML 6Page - Torex Semiconductor XC9502 Datasheet HTML 7Page - Torex Semiconductor XC9502 Datasheet HTML 8Page - Torex Semiconductor XC9502 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5/43
XC9502
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Supply Voltage (*1)
VDD
2.0
−
10.0
V
①
Maximum put Voltage
VIN
10.0
−
−
V
①
VOUT1
0.9
−
−
V
VDD≧0V, IOUT1, 2=1mA
VDD≠VOUT1
VOUT2
0.9
−
VIN
V
①
VOUT1
2.0
−
10.0
V
Output Voltage Range (*3)
VOUTSET
VIN≧0.9V, IOUT1, 2=1mA
VDD=VOUT1
VOUT2
0.9
−
VIN
V
②
Supply Current 1
IDD1
FB1, 2=0V
−
100
190
μA
③
Supply Current 1-1
IDD1-1
EN1=3.0V, EN2=0V, FB1=0V
−
80
150
μA
③
Supply Current 1-2
IDD1-2
EN2=3.0V, EN1=0V, FB2=0V
−
60
120
μA
③
Supply Current 1-3
IDD1-3
FB1=0V, FB2=1.0V
−
100
190
μA
③
Supply Current 1-4
IDD1-4
FB1=1.0V, FB2=0V
−
70
150
μA
③
Supply Current 2
IDD2
FB1, 2=1.0V
−
70
150
μA
③
Stand-by Current
ISTB
Same as IDD1, EN1=EN2=0V
−
1.0
3.0
μA
③
Oscillation Frequency
FOSC
Same as IDD1
255
300
345
kHz
③
EN1, 2 "High" Voltage
VENH
FB1, 2=0V
0.65
−
−
V
③
EN1, 2 "Low" Voltage
VENL
FB1, 2=0V
−
−
0.20
V
③
EN1, 2 "High" Current
IENH
EN1, 2=3.0V
−
−
0.50
μA
③
EN1, 2 "Low" Current
IENL
EN1, 2=0V, FB1, 2=3.0V
−
−
-0.50
μA
③
PWM1, 2 "High" Current
IPWMH
FB1, 2=3.0V, PWM=3.0V
−
−
0.50
μA
③
PWM1, 2 "Low" Current
IPWML
FB1, 2=3.0V, PWM=0V
−
−
-0.50
μA
③
FB1, 2 "High" Current
IFBH
FB1, 2=3.0V
−
−
0.50
μA
③
FB1, 2 "Low" Current
VFBL
FB1, 2=1.0V
−
−
-0.50
μA
③
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
FB1 Voltage
VFB1
VDD=3.0V, VIN=1.5V, IOUT1=10mA
0.882
0.900
0.918
V
④
Using Tr: 2SD1628
IOUT1=1.0mA, RFB11=200kΩ, RFB12=75kΩ
−
−
0.9
V
②
Operation Start Voltage (*2)
VST1-1
VDD≠VOUT1: IOUT1=1mA
−
−
2.0
V
①
Oscillation Start Voltage2
VST2-1
FB1=0V
−
−
0.8
V
③
Maximum Duty Ratio
MAXDTY1
Same as IDD1
75
80
85
%
③
Minimum Duty Ratio
MINDTY1
Same as IDD2
−
−
0
%
③
PFM Duty Ratio
PFMDTY1
No Load, VPWM1=0V
22
30
38
%
⑤
Efficiency (*4)
EFFI1
IOUT=130mA
N-ch MOSFET: XP161A1355P
−
85
−
%
⑤
Soft-Start Time
TSS1
VOUT1×0.95V, EN1=0V→0.65V
5.0
10.0
20.0
ms
⑤
EXT1 "High" ON Resistance
REXTBH1
FB1=0, EXT1=VDD-0.4V
−
28
47
Ω
⑥
EXT1 "Low" ON Resistance
REXTBL1
EN1=FB2=0V, EXT1=0.4V
−
22
30
Ω
⑥
PWM1 "High" Voltage
VPWMH1
No Load
0.65
−
−
V
⑤
PWM1 "Low" Voltage
VPWMH1
No Load
−
−
0.20
V
⑤
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
FB2 Voltage
VFB2
VIN=3.0V, IOUT2=10mA
0.900
0.900
0.900
V
⑦
Minimum Operating Voltage
VINmin
−
−
2.0
V
①
Maximum Duty Ratio 2
MAXDTY2
Same as IDD1
100
−
−
%
③
Minimum Duty Ratio 2
MINDTY2
Same as IDD2
−
−
0
%
③
PFM Duty Ratio 2
PFMDTY2
No Load, VPWM2=0V
22
30
38
%
⑧
Efficiency 2 (*4)
EFFI2
IOUT2=250mA
P-ch MOSFET: XP162A12A6P
−
92
−
%
⑧
Soft-Start Time 2
TSS2
VOUT2×0.95V, EN2=0V→0.65V
5.0
10.0
20.0
ms
⑧
EXT2 "High" ON Resistance
REXTBH2
EN2=0, EXT2=VDD-0.4V
−
28
47
Ω
⑥
EXT2 "Low" ON Resistance
REXTBL2
FB2=0V, EXT2=0.4V
−
22
30
Ω
⑥
PWM2 "High" Voltage
VPWMH2
No Load
0.7
−
−
V
⑧
PWM2 "Low" Voltage
VPWMH2
No Load
−
−
0.20
V
⑧
Common Characteristics
Output 1 Characteristics: Step-Up Controller
Unless otherwise stated, VDD=3.0V, PWM1,2=3.0V, EN1, 2 =3.0V
XC9502B093
Output 2 Characteristics: Step-Down Controller
Unless otherwise stated, VDD=EN2=PWM2=3.0V, PWM1=EN1=GND, EXT1=OPEN, FB1=OPEN, VIN=5.0V
*1 : Although the IC's step-up operations start from a VDD of 0.8V, the output voltage and switching frequency are stabilized at VDD
≧ 2.0V. Therefore, a VDD of more than 2.0V is recommended when VDD is supplied from VIN or other power sources.
*2 : Although the IC's switching operations start from a VIN of 0.9V, the IC's power supply pin (VDD) and output voltage monitor pin
(FB1) should be connected to VOUT1. With operations from VIN=0.9V, the 2nd channel's (output 2) EN2 pin should be set to
chip disable. Once output voltage VOUT1 is more than 2.0V, the EN2 pin should be set to chip enable.
*3 : Please be careful not to exceed the breakdown voltage level of the external components.
*4 : EFFI={ [ (output voltage) × (output current) ] / [ (input voltage) × (input current) ] } × 100
Unless otherwise stated, VDD=EN1=PWM1=3.0V, EN2=PWM2=GND, EXT2=OPEN, FB2=OPEN, VIN=1.8V
Ta=25℃
Ta=25℃
Ta=25℃
(FOSC=300kHz)
■ELECTRICAL CHARACTERISTICS (Continued)
NOTE:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com