Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9502 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC9502
Description  2ch. Step-up / down DC/DC Controller ICs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9502 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC9502 Datasheet HTML 1Page - Torex Semiconductor XC9502 Datasheet HTML 2Page - Torex Semiconductor XC9502 Datasheet HTML 3Page - Torex Semiconductor XC9502 Datasheet HTML 4Page - Torex Semiconductor XC9502 Datasheet HTML 5Page - Torex Semiconductor XC9502 Datasheet HTML 6Page - Torex Semiconductor XC9502 Datasheet HTML 7Page - Torex Semiconductor XC9502 Datasheet HTML 8Page - Torex Semiconductor XC9502 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
2/43
XC9502 Series
1
2
3
4
5
6
7
8
9
10
EXT1
VDD
FB1
PWM1
EN1
EN2
PWM2
FB2
GND
EXT2
PIN NUMBER
PIN NAME
FUNCTIONS
1
EXT 1
Channel 1: External Transistor Drive Pin <Connected to N-ch Power MOSFET Gate>
2
VDD
Supply Voltage
3
FB1
Channel 1: Output Voltage Monitor Feedback Pin <Threshold value: 0.9V. Output voltage
can be set freely by connecting split resistors between VOUT1 and Ground.>
4
PWM1
Channel 1: PWM/PFM Switching Pin <Control Output 1. PWM control when connected to
VDD, PWM / PFM auto switching when connected to Ground. >
5
EN1
Channel 1: Enable Pin <Connected to Ground when Output 1 is in stand-by mode.
Connected to VDD when Output 1 is active. EXT1 is low when in stand-by mode.>
6
EN2
Channel 2: Enable Pin <Connected to Ground when Output 2 is in stand-by mode.
Connected to VDD when Output 2 is active. EXT2/ is high when in stand-by mode.>
7
PWM2
Channel 2: PWM/PFM Switching Pin <Control Output 2. PWM control when connected to
VDD, PWM / PFM auto switching when connected to Ground.>
8
FB2
Channel 2: Output Voltage Monitor Feedback Pin <Threshold value: 0.9V. Output voltage
can be set freely by connecting split resistors between VOUT2 and Ground.>
9
GND
Ground
10
EXT2/
Channel 2: External Transistor Drive Pin <Connected to P-ch Power MOSFET Gate>
XC9502①②③④⑤⑥
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
①
Type of DC/DC Controller
B
: Standard type (10 pin)
② ③
Output Voltage
09
: FB products → ②=0, ③=9 fixed
2
: 180kHz
3
: 300kHz (custom)
④
Oscillation Frequency
5
: 500kHz (custom)
A
: MSOP-10
⑤
Package
D
: USP-10
R
: Embossed tape, standard feed
⑥
Device Orientation
L
: Embossed tape, reverse feed
■PRODUCT CLASSIFICATION
●Ordering Information
■PIN CONFIGURATION
1 EX T1
2 VD D
3 FB1
F B2 8
GN D 9
EX T2 1 0
4 PW M1
PW M2 7
5 E N 1
EN 2 6
MSO P -1 0
(TO P VIE W )
MSOP-10
(TOP VIEW)
■PIN ASSIGNMENT
USP-10
(BOTTOM VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com