Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113MLF-DS-R02 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # IP113MLF-DS-R02
Description  Managed 10/100Base-TX / FX Media Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113MLF-DS-R02 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button IP113MLF-DS-R02 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
IP113M LF
Preliminary Data Sheet
12/58
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113M LF-DS-R11
PIN Description (continued)
Pin no.
Label
Type
Description
MC operation mode
21
LFP
IPL
Link fault pass through (LFP)
1: enable
Link status of one port is forwarded to the other port.
0: disable (default)
22
23
DIRECT_WIRE
FAST_FWD
IPL
DIRECT_
WIRE
FAST_F
WD
Function
0
0
Store and forward switch mode
(default)
0
1
Modified cut-through switch mode
1
0
Converter mode
1
1
Converter mode with
auto-change-forward function
Store and forward switch mode:
IP113M LF begins to forward a frame at the end of
receiving a frame completely.
Modified cut-through switch mode:
IP113M LF begins to forward a frame after the first 64
bytes data received. TP port should be forced at 100M at
this mode.
Converter mode:
Incoming frames are not buffered in IP113M LF to achieve
the min latency. Both TP port and fiber port of IP113M LF
should work at 100M full duplex in this mode. If TP port is
linked at half duplex, the total length of UTP cable and
fiber should be less than 60 meters to meet the
requirement of CSMACD in IEEE802.3.
Converter mode with auto-change-forward function:
IP113M LF will change forward mode itself if it detects the
speed is different in TP port and FX port.
In converter mode, IP113M LF forwards IEEE802.3x
pause frame directly. In the other modes, IP113M LF
doesn’t forward IEEE802.3x pause frame directly, it sends
out pause frame when its internal buffer is full.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com