Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113MLF-DS-R02 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # IP113MLF-DS-R02
Description  Managed 10/100Base-TX / FX Media Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113MLF-DS-R02 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button IP113MLF-DS-R02 Datasheet HTML 19Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 20Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 21Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 22Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 23Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 24Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 25Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 26Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
IP113M LF
Preliminary Data Sheet
2.5
Remote monitor without SMI programming
2.5.1
Auto sends (Status change notice)
IP113M LF sends out status frame without receiving status request frame if pin AUTO_SEND is pulled
high. It sends out the first status frame onto the fiber port when the link status of fiber port has established.
It sends out status frames when the status on TP port has changed. IP113M LF supports two types of
frame. For a TS-1000 maintenance frame, C[9:8] is 2’b10 and S[15:0] is defined as that in TS-1000
standard. For an ICplus maintenance frame, C[9:8] is 2’b11 and S[15:0] is the content of MII register 22. It
carries ICplus private defined information. User can select the frame type by programming MII register
20.10. Central IP113M LF uses the mechanism to get the status of the remote IP113M LF even if there is
no SMI programming.
Option A
Central IP113M LF sends indication frames to terminal IP113M LF if its status is changed.
IP113M LF
(terminal)
IP113M LF
(central)
FX
TP
TP
Maintenance frame
(C1=1, C2-3=01, C8-9= 01)
status changed !!
Option B
Terminal IP113M LF sends indication frames to central IP113M LF if its status is changed.
IP113M LF
(terminal)
IP113M LF
(central)
FX
TP
TP
Maintenance frame
(C1=0, C2-3=01, C8-9= 01)
status changed !!
CRC polynomial for maintenance frame: X8 + X2 + X + 1
X0
X1
X2
X3
X4
X5
X6
X7
data in
CRC + data
CRC calculation
23/58
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113M LF-DS-R11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com