Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113MLF-DS-R02 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # IP113MLF-DS-R02
Description  Managed 10/100Base-TX / FX Media Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113MLF-DS-R02 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button IP113MLF-DS-R02 Datasheet HTML 32Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 33Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 34Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 35Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 36Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 37Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 38Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 39Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
IP113M LF
Preliminary Data Sheet
36/58
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113M LF-DS-R11
The basic MII registers 5
MII
NAME
R/W
DESCRIPTION
DEFAULT
Link partner ability register (address 05h) Base Page
5.15
Next Page
RO
1 = Next Page ability is supported by link partner
0 = Next Page ability is not supported by link partner
0
5.14
Acknowledge
RO
1 = Link partner has received the ability data word
0 = Not acknowledge
0
5.13
Remote Fault
RO
1 = Link partner indicates a remote fault
0 = No remote fault indicate by link partner
If this bit is set to logic 1, then bit 1.4 (Remote fault)
will set to logic 1.
0
5[12:10]
Reserved
RO
Reserved by IEEE for future use, write as 0, read
as 0.
0
5.9
100BASE-T4
RO
1 = Link partner support 100BASE-T4
0 = Link partner is not support 100BASE-T4
0
5.8
100BASE-TX full
duplex
RO
1 = Link partner support 100BASE-TX full duplex
0 = Link partner is not support 100BASE-TX full
duplex
0
5.7
100BASE-TX
RO
1 = Link partner support 100BASE-TX
0 = Link partner is not support 100BASE-TX
0
5.6
10BASE-T full
duplex
RO
1 = Link partner support 10BASE-T full duplex
0 = Link partner is not support 10BASE-T full duplex
0
5.5
10BASE-T
RO
1 = Link partner support 10BASE-T
0 = Link partner is not support 10BASE-T
0
5[4:0]
Selector Field
RO
Protocol selector of the link partner
00000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com