Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113MLF-DS-R02 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # IP113MLF-DS-R02
Description  Managed 10/100Base-TX / FX Media Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113MLF-DS-R02 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button IP113MLF-DS-R02 Datasheet HTML 39Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 40Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 41Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 42Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 43Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 44Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 45Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 46Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
IP113M LF
Preliminary Data Sheet
43/58
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113M LF-DS-R11
Extended MII registers and EEPROM registers 19
MII
ROM
NAME
R/W
DESCRIPTION
DEFAULT
Statistic counter registers (MII register 19D)
Statistic Counter [11:0]
The statistic counter maintains some kinds of
statistic information. Before reading the
statistic counter, user has to select one
counter by writing MII register 19[14:12]
cnt_index[2:0]. The relationship between
cnt_index and its corresponding counter is
shown in the following table.
Cnt_index Content of statistic counter[11:0]
3'b000
Received packet count on TP port
3'b001
Received CRC error count on TP
port
3'b010
Drop packet count on TP port
3'b011
Collision event count on TP port
3'b100
Received packet count on fiber port
3'b101
Received CRC error count on fiber
port
3'b110
Drop packet count on fibe port
19[11:0]
--
mg_statistic_cnt[11:0]
RO
3'b111
Collision event count on fiber port
0
19[14:12]
--
cnt_index[2:0]
RW
The current counter index
A counter index to select one counter before
reading MII register 19[11:0]
0
19.15
--
cnt_loop_en
RW
The counter index loop enable
1: MII register 19[14:12] cnt_index[2:0] is
increased by one automatically whenever
the MII register 19 is read. Cnt_index[2:0] is
turned arounf to “000” when it reaches to
“111” and is read.
0: cnt_index[2:0] is not increased when MII
register 19 is read.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com