Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP113MLF-DS-R02 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # IP113MLF-DS-R02
Description  Managed 10/100Base-TX / FX Media Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP113MLF-DS-R02 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button IP113MLF-DS-R02 Datasheet HTML 36Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 37Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 38Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 39Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 40Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 41Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 42Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 43Page - List of Unclassifed Manufacturers IP113MLF-DS-R02 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
IP113M LF
Preliminary Data Sheet
40/58
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113M LF-DS-R11
Extended MII registers and EEPROM registers 17
MII
ROM
NAME
R/W
DESCRIPTION
DEFAULT
Interrupt register (17D)
17.0
--
intr_link
RO
RC
Link status change
It is logic “1” when link status changes on
TP port and it will active interrupt pin. It is
self-clear after reading the register.
1: link status change Interrupt occur,
0: no interrupt
0
17.1
--
intr_duplex
RO
RC
Duplex mode change
It is logic “1” when duplex status changes
on TP port and it will active interrupt pin. It
is self-clear after reading the register.
1: duplex status change Interrupt occur,
0: no interrupt
0
17.2
--
intr_speed
RO
RC
Speed mode change
It is logic “1” when speed changes on TP
port and it will active interrupt pin. It is
self-clear after reading the register.
1: speed change interrupt occur,
0: no interrupt
0
17.3
--
intr_mf_rx_indicate
RO
RC
Undefined
maintenance
frame
receive
indication
It is logic “1” when an undefined maintenance
frame is received and it will active interrupt
pin. An undefined maintenance frame is a
frame, which can’t be recognized by IP113M
LF. It is self-clear after reading the register.
1: Rx maintenance frame interrupt occur,
0: no interrupt
0
17.4
--
intr_cnt_overflow
RO
RC
Statistic counter overflow
It is logic “1” when statistic counter is
overflow and it will active interrupt pin. It is
self-clear after reading the register.
1: counter overflow interrupt occur,
0: no interrupt
0
17.5
--
intr_status
RO
RC
Interrupt status
It is logic “OR” of bit 17.0~17.4.
1: any interrupt occur,
0: no interrupt
0
17.6
--
Intr_pwabn
RO
RC
Power abnormal
It is logic “1” when 113M receives a
maintenance frame with link partner’s power
abnormal message and it will active interrupt
pin. It is self-clear after reading the register.
1: remote link partner power abnormal
0: nothing happen
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com