Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178C-DS-R08 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # IP178C-DS-R08
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178C-DS-R08 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button IP178C-DS-R08 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 17Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 18Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 19Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 20Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 21Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
Pin description (continued)
Pin no.
Label
Type
Description
LED.
89, 90,
91, 93,
96, 97,
99, 100
LINK_LED [7:0]
O
LINK LED
The detail functions are illustrated in the following table. It
should be connected to VCC_O through a LED and a resistor.
Application circuit
VCC_O
LINK_LED
R
66, 67,
68, 69,
70, 71,
72, 73
SPEED_LED [7:0]
O
SPEED LED
The detail functions are illustrated in the following table. It
should be connected to VCC_O through a LED and a resistor.
75, 76,
77, 78,
79, 85,
86, 87
FDX_LED [7:0]
O
FDX LED
The detail functions are illustrated in the following table. It
should be connected to VCC_O through a LED and a resistor.
The function is valid only if pin 53 EXTMII_EN is pulled low.
80, 81
LED_SEL [1:0]
IPH2
LED function selection
The data on these pins are latched at the end of reset to
select LED modes. The default value is mode 3. The detail
functions are illustrated in the following table.
After reset, these two pins becomes MII interface TXEN and
TXD3 if pin 53 EXTMII_EN is pulled high.
LED_SEL [1:0]
LED mode
LINK_LED [7:0]
SPEED_LED [7:0]
FDX_LED [7:0]
00
Mode 0
Off: link fail
On: 10 Mbps link ok
Flash: Tx/Rx
Off: link fail
On: 100 Mbps link ok
Flash: Tx/Rx
Off: half duplex
On: full duplex
01
Mode 1
Off: link fail
On: link ok
Flash: Rx
Off: 10 Mbps
On: 100 Mbps
Off: half duplex
On: full duplex
Flash: collision
10
Mode 2
Off: link fail
On: 10 Mbps link ok
Flash: Tx/Rx
Off: link fail
On: 100 Mbps link ok
Flash: Tx/Rx
Off: half duplex
On: full duplex
Flash: collision
11 (default)
Mode 3
Off: link fail
On: link ok
Flash: Tx/Rx
Off: 10 Mbps
On: 100 Mbps
Off: half duplex
On: full duplex
Flash: collision
18/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com