Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178C-DS-R08 Datasheet(PDF) 58 Page - List of Unclassifed Manufacturers

Part # IP178C-DS-R08
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178C-DS-R08 Datasheet(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button IP178C-DS-R08 Datasheet HTML 54Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 55Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 56Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 57Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 58Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 59Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 60Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 61Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 62Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
58/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12
PHY
MII
ROM
R/W
Description
Default
Switch control register 1
30
1[15]
3[7]
PRIORITY_RATE
1: 8 packets
0: 4 packets
Output Queue Scheduling: high priority packet rate
1’b0
LED_O_SEL
LED mode selection
LinK_LED
SPEED_LED
FDX_LED
00
Off: link fail
On:
10
Mbps
link ok
Flash: Tx/Rx
Off: link fail
On: 100 Mbps
link ok
Flash: Tx/Rx
Off: half duplex
On: full duplex
01
Off: link fail
On: link ok
Flash: Rx
Off: 10 Mbps
On: 100 Mbps
Off: half duplex
On: full duplex
Flash: collision
10
Off: link fail
On:
10
Mbps
link ok
Flash: Tx/Rx
Off: link fail
On: 100 Mbps
link ok
Flash: Tx/Rx
Off: half duplex
On: full duplex
Flash: collision
30
1[14:13]
3[6:5]
11
Off: link fail
On: link ok
Flash: Tx/Rx
Off: 10 Mbps
On: 100 Mbps
Off: half duplex
On: full duplex
Flash: collision
P(1,1)
30
1[12]
3[4]
Reserved
1'b0
30
1[11]
3[3]
Drop16
1: enable, 0:disable
1’b0
30
1[10]
3[2]
X_EN, IEEE 802.3x flow control enable
1: enable, 0:disable
P(1)
30
1[9]
3[1]
EXT_MII_X_EN, MII port IEEE 802.3x flow control enable
1: enable, 0:disable
1’b1
30
1[8]
3[0]
BK_EN, Backpressure enable
1: enable, 0: disable
P(1)
30
1[7]
2[7]
BP_KIND, Backpressure type selection
It is valid only if Bk_en is set to 1’b1.
0: carrier base backpressure
1: reserved
1’b0
30
1[6]
2[6]
BF_STM_EN, Broadcast storm enable
1: enable
IP178C/IP178CH drops the incoming packet if the number of
broadcast packet in queue is over the threshold.
0: disable
P(0)
30
1[4]
2[4]
LDPS_DIS
Disable link down power saving mode
0: enable link down power saving mode (default)
1: disable link down power saving mode
P(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com