Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178C-DS-R08 Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # IP178C-DS-R08
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178C-DS-R08 Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button IP178C-DS-R08 Datasheet HTML 58Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 59Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 60Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 61Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 62Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 63Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 64Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 65Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
62/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12
PHY
MII
ROM
R/W
Description
Default
Tag register 10
ADD_TAG. Add VLAN tag
Portx adds a VLAN tag defined in vlan_tag_x to each
outgoing packet
Bit 0
1: port0 adds a VLAN tag to each outgoing packet.
0: port0 doesn’t add a VLAN tag.
Bit 1
1: port1 adds a VLAN tag to each outgoing packet.
0: port1 doesn’t add a VLAN tag.
Bit 2
1: port2 adds a VLAN tag to each outgoing packet.
0: port2 doesn’t add a VLAN tag.
Bit 3
1: port3 adds a VLAN tag to each outgoing packet.
0: port3 doesn’t add a VLAN tag.
Bit 4
1: port4 adds a VLAN tag to each outgoing packet.
0: port4 doesn’t add a VLAN tag.
Bit 5
1: port5 adds a VLAN tag to each outgoing packet.
0: port5 doesn’t add a VLAN tag.
Bit 6
1: port6 adds a VLAN tag to each outgoing packet.
0: port6 doesn’t add a VLAN tag.
Bit 7
1: port7 adds a VLAN tag to each outgoing packet.
0: port7 doesn’t add a VLAN tag.
30
12[8:0]
25[0],
24[7:0]
R/W
Bit 8
1: MII adds a VLAN tag to each outgoing packet.
0: MII doesn’t add a VLAN tag.
9’h00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com