Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178C-DS-R08 Datasheet(PDF) 84 Page - List of Unclassifed Manufacturers

Part # IP178C-DS-R08
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178C-DS-R08 Datasheet(HTML) 84 Page - List of Unclassifed Manufacturers

Back Button IP178C-DS-R08 Datasheet HTML 80Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 81Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 82Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 83Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 84Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 85Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 86Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 87Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 88Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
84/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12
PHY
MII
ROM
R/W
Description
Default
31
26
117,116
[14:12]: bw_control_p1_tx
[10:8]: bw_control_p1_rx
[6:4]: bw_control_p0_tx
[2:0]: bw_control_p0_rx
BW Control Value Setting,
000 : no limit
100 : 1M bit
001 : 128k bit
101 : 2M bit
010 : 256k bit
110 : 4M bit
011 : 512k bit
111 : 8M bi
16’h0
31
27
119,118
[14:12]: bw_control_p3_tx
[10:8]: bw_control_p3_rx
[6:4]: bw_control_p2_tx
[2:0]: bw_control_p2_rx
16’h0
31
28
121,120
[14:12]: bw_control_p5_tx
[10:8]: bw_control_p5_rx
[6:4]: bw_control_p4_tx
[2:0]: bw_control_p4_rx
16’h0
31
29
123,122
[14:12]: bw_control_p7_tx
[10:8]: bw_control_p7_rx
[6:4]: bw_control_p6_tx
[2:0]: bw_control_p6_rx
16’h0
[15]: bw_en_qm
[14]: stag_en
[13]: diffserv_en
[12]: bf_ffff_only,
1: broadcast DA=FFFFFFFF
0: broadcast DA=FFFFFFFF and multicast frame
[11:8]: special_add_forward
BIT3
Reserved MAC address
(0180C2000010-0180C20000FF)
1: forward (default),
0: discard.
BIT2
Reserved MAC address
(0180C2000002- 0180C200000F)
1: forward (default),
0: discard.
The default value is the inverted value of
pin 78 FILTER_RSV_DA.
31
30
125,124
BIT1
Reserved MAC address
(0180C2000001)
1: forward,
0: discard (default)
16’h8d00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com