Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178C-DS-R08 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # IP178C-DS-R08
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP178C-DS-R08 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button IP178C-DS-R08 Datasheet HTML 24Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 25Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 26Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 27Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 28Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 29Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 30Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 31Page - List of Unclassifed Manufacturers IP178C-DS-R08 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
28/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12
Pin description (continued)
Pin no.
Label
Type
Description
Power
16
BGVCC
I
Power of band gap circuit
18
BGGND
I
Power of band gap circuit
19
PLLGND
I
Ground of PLL circuit
20
PLLVCC
I
Power of PLL circuit
59,
60,
110, 111,
112,
113,
GND
I
Ground of internal logic
57
GND
(FXSD7)
( for IP178CH only )
58
GND
61,
62,
63, 106,
107,
108,
109,
VCC
I
Power of internal logic
65, 94,
GND_SRAM
I
Ground of internal SRAM
74, 98,
VCC_SRAM
I
Power of internal SRAM
82, 88,
GND_O
I
Ground for LED, MII and EEPROM
83, 92,
VCC_O
I
Power for LED, MII and EEPROM
114,
128,
1,
15,
21,
35,
37,
51
RXVCC0~7
I
Power of analog receive block
117,
125,
4,
12,
24,
32,
40,
48,
RXGND0~7
I
Ground of analog receive block
118,
124,
5,
11,
25,
31,
41,
47,
TXGND0~7
I
Ground of analog transmit buffer
121,
8,
28,
44,
TXVCC01
TXVCC23
TXVCC45
TXVCC67
I
Power of analog transmit buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com