Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWL28G Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LWL28G
Description  SmartLED Enhanced Optical Power Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWL28G Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LWL28G Datasheet HTML 4Page - OSRAM GmbH LWL28G Datasheet HTML 5Page - OSRAM GmbH LWL28G Datasheet HTML 6Page - OSRAM GmbH LWL28G Datasheet HTML 7Page - OSRAM GmbH LWL28G Datasheet HTML 8Page - OSRAM GmbH LWL28G Datasheet HTML 9Page - OSRAM GmbH LWL28G Datasheet HTML 10Page - OSRAM GmbH LWL28G Datasheet HTML 11Page - OSRAM GmbH LWL28G Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LW L28G
2007-10-19
8
Durchlassstrom
2) Seite 16
Forward Current
2) page 16
I
F = f (VF); TA = 25 °C
Relative Vorwärtsspannung
2) Seite 16
Relative Forward Voltage
2) page 16
ΔV
F = VF - VF(25 °C) = f (Tj); IF = 10 mA
Relative Lichtstärke
2) 7) Seite 16
Relative Luminous Intensity
2) 7) page 16
I
V/IV(10 mA) = f (IF); TA = 25 °C
Relative Lichtstärke
2) Seite 16
Relative Luminous Intensity
2) page 16
I
V/IV(25 °C) = f (Tj); IF = 10 mA
2.5
1
10
10
2
5
OHL02359
10
0
3
3.5
4
4.5 V 5
5
mA
VF
F
I
-60
-0.3
-0.2
-0.1
0
-40 -20
0
20
0.1
0.2
0.3
0.4
˚C
60
40
Tj
100
OHL02397
V
F
V
Δ
V (10 mA)
I
I
V
I
F
10 0
10 1
10 2
mA
10
-1
0
10
10
1
5
5
OHL02324
-60
0
-40 -20
0
20
V (25 ˚C)
I
IV
˚C
60
40
Tj
100
OHL02725
0.2
0.4
0.6
0.8
1.0
1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com